Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-90
Timer Flip-Flop Control Register
7
6
5
4
3
2
1
0
Bit symbol
TFF3C1
TFF3C0
TFF3IE
TFF3IS
TFF1C1
TFF1C0
TFF1IE
TFF1IS
TFFCR
(0025H)
Read/Write
W
R/W
W
R/W
After reset
1
1
0
0
1
1
0
0
Function
00: Invert TFF3
01: Set TFF3
10: Clear TFF3
11: Don’t care
TFF3
inversion
trigger
0: Disable
1: Enable
TFF3
inversion
source
0: Timer 2
1: Timer 3
00: Invert TFF1
01: Set TFF1
10: Clear TFF1
11: Don’t care
TFF1
inversion
trigger
0: Disable
1: Enable
TFF1
inversion
source
0: Timer 0
1: Timer 1
Note: TFFCR<TFF3C1:0, TFF1C1:0> is always read as “1”.
Figure 3.7.8 8-Bit Timer Related Register (4/5)
Select inverse signal of timer F/F1
(“Don’t care” except in 8-bit timer mode)
0
Inversion by timer 0
1
Inversion by timer 1
Control of timer F/F1 (TFF1)
00
Invert the value of TFF1
(Software inversion)
01
Set TFF1 to “1”.
10
Clear TFF1 to “0”.
11
Don’t care (Note)
Inversion of timer F/F1 (TFF1)
0
Disable invert
1
Enable invert
Select inverse signal of timer F/F3
(“Don’t care” except in 8-bit timer mode)
0
Inversion by timer 2
1
Inversion by timer 3
Control of timer F/F3 (TFF3)
00
Invert the value of TFF3
(Software inversion)
01
Set TFF3 to “1”
10
Clear TFF3 to “0”
11
Don’t care (Note)
Inversion of timer F/F3 (TFF3)
0
Disable invert
1
Enable invert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com