Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-94
The comparator match signal is output from timer 2 each time the up counter UC2
matches TREG2, where the up counter UC2 is not be cleared.
With the timer 3 comparator, the match detect signal is output at each comparator
timing when up counter UC3 and TREG3 values match. When the match detect signal
is output simultaneously from both comparators of timer 2 and timer 3, the up
counters UC2 and UC3 are cleared to 0, and the interrupt INTT3 is generated. If
inversion is enabled, the value of the timer flip-flop TFF3 is inverted.
Example: When TREG3
= 04H and TREG2 = 80H
Figure 3.7.12 Timer Output by 16-Bit Timer Mode
(3) 8-bit PPG (Programmable pulse generation) output mode
Square wave pulse can be generated at any frequency and duty by timer 2. The
output pulse may be either low active or high active. In this mode, timer 3 cannot be
used.
Timer 2 outputs pulse to TO3 pin (Also used as P41).
Figure 3.7.13 8-Bit PPG Output Waveforms
tH
TREG2
TREG3
TREG2 and UC2 match
(Interrupt INTT2)
TREG3 and UC2 match
(Interrupt INTT3)
TO3
t
tL
Inversion
Value of up counter
(UC3, UC2)
Timer 2 comparator
match detect signal
Interrupt INTT3
0080H
0180H
0280H
0380H
0480H
0000H
Timer output TO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com