Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 48 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 48 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 44Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 45Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 46Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 47Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 48Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 52Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-46
(2) External interrupt control
Interrupt Input Mode Control Register
7
6
5
4
3
2
1
0
Bit symbol
−
I0IE
I0LE
NMIREE
IIMC
(007BH)
Read/Write
W
W
After reset
0
0
0
0
Prohibit
read-
modify-
write
Function
Always
write “0”.
1: INT0
input
enable
0: INT0
edge
mode
1: INT0
level
mode
1: Can be
accepted
in
NMI
rising
edge.
Note 1:
The INT0 pin can also be used for standby release as described
later. Even if the pin is not used for standby release, setting this
register to “0” maintains the port function during standby mode.
Note 2:
Case of changing from level to edge for INT0 pin mode (<I0LE> “1”
→ “0” )
Execution example:
LD
(INTE0AD)
, xxxx0000B
; INT0 disable, clean the request flag.
LD
(IIMC)
, xxxxx10xB
; Change from level to edge.
LD
(INTE0AD)
, xxxx0nnnB
; Set interrupt level “n” for INT0, clear the request flag.
Note 3:
IIMC<Bit7:3> is always read as “1”.
Note 4:
See electrical characteristics in section 4 for external interrupt input pulse.
Figure 3.4.6 Interrupt Input Mode Control Register
Table 3.4.2 Setting of External Interrupt Pin Functions
Interrupt
Shared Pin
Mode
Setting method
Falling edge
IIMC<NMIREE>
= 0
NMI
NMI
(Dedicated pin)
Falling and rising
edges
IIMC<NMIREE>
= 1
Rising edge
IIMC<I0LE>
= 0, <I0IE> = 1
INT0
P35
Level
IIMC<I0LE>
= 1, <I0IE> = 1
INT1
P40
Rising edge
−
Rising edge
T4MOD<CAP12M1:0>
= 0, 0 or 0, 1 or 1, 1
INT4
P42
Falling edge
T4MOD<CAP12M1:0>
= 1, 0
INT5
P43
Rising edge
−
Rising edge
T5MOD<CAP34M1:0>
= 0, 0 or 0, 1 or 1, 1
INT6
P45
Falling edge
T5MOD<CAP34M1:0>
= 1, 0
INT7
P46
Rising edge
−
INT0 input enable (Note 1)
0
INT0 disable (P35 function only)
1
Input enable
NMI
rising edge enable
0
Interrupt request generation at
falling edge
1
Interrupt request generation at
rising/falling edge
INT0 level enable (Note 2)
0
Rising edge detect interrupt
1
High level interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com