Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 108Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-109
1. Prescaler
There are 9-bit prescaler and prescaler clock selection registers to generate input
clock for 8-bit timer 0, 1, 2, 3, 16-bit timer 4, 5 and serial interface 0, 1.
Figure 3.8.9 shows the block diagram. Table 3.8.1 shows prescaler clock resolution
into 8, 16-bit Timer.
Figure 3.8.9 The Block Diagram of Prescaler
Table 3.8.1 Prescaler Clock Resolution to 8-Bit Timer and 16-Bit Timer
at fc
= 20 MHz, fs = 32.768 kHz
Prescaler Clock Resolution
Select System
Clock
<SYSCK>
Select Prescaler
Clock
<PRCK1:0>
Gear Value
<GEAR2:0>
φT1
φT4
φT16
φT256
1 (fs)
XXX
fs/2
3 (244
µs) fs/25 (977 µs) fs/27 (3.9 ms)
fs/2
11 (62.5 ms)
000 (fc)
fc/2
3 (0.4
µs)
fc/2
5 (1.6
µs)
fc/2
7 (6.4
µs)
fc/2
11 (102.4
µs)
001 (fc/2)
fc/2
4 (0.8
µs)
fc/2
6 (3.2
µs)
fc/2
8 (12.8
µs)
fc/2
12 (204.8
µs)
010 (fc/4)
fc/2
5 (1.6
µs)
fc/2
7 (6.4
µs)
fc/2
9 (25.6
µs)
fc/2
13 (409.6
µs)
011 (fc/8)
fc/2
6 (3.2
µs)
fc/2
8 (12.8
µs) fc/210(51.2 µs)
fc/2
14(819.2
µs)
0 (fc)
00 (fFPH)
100 (fc/16)
fc/2
7 (6.4
µs)
fc/2
9 (25.6
µs) fc/211(102.4 µs) fc/215(1.6384 ms)
XXX
01
(Low-frequency
clock)
XXX
fs/2
3 (244
µs) fs/25 (977 µs) fs/27 (3.9 ms)
fs/2
11 (62.5 ms)
XXX
10
(Note)
(fc/16 clock)
XXX
fc/2
7 (6.4
µs)
fc/2
9 (25.6
µs) fc/211(102.4 µs) fc/215(1.6384 ms)
XXX: Don’t care
Note: The fc/16 clock as a prescaler clock can not be used when the fs is used as a system clock.
512
256
128
64
32
16
8
4
2
φT1
φT4
φT16
φT256
φT1
φT4
φT16
φ1
φT0
φT2
φT8
φT32
÷2
÷2
÷4
÷16
÷8
÷4
÷2
to CPU
System clock fSYS
9-bit prescaler
To 8-bit timer
0, 1, 2, 3
X1
fc/16
fc/8
fc/4
fc/2
fc
SYSCR1<GEAR2:0>
TRUN<PRRUN>
SYSCR0
<PRCK1:0>
Run/stop
and clear
To 16-bit timer
4, 5
To serial
interface
0, 1
fFPH
XT1
fs
SYSCR1<SYSCK>
16-bit timer
8-bit timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com