Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 134 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 134 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 130Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 131Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 132Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 133Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 134Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 135Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 136Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 137Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 138Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-132
1. Prescaler
There are 9-bit prescaler and prescaler clock selection registers to generate input
clock for 8-bit timer 0, 1, 2, 3, 16-bit timer 4, 5, and serial interface 0, 1.
Figure 3.9.11 shows the block diagram. Table 3.9.1 shows prescaler clock resolution
into the baud rate generator.
Figure 3.9.11 The Block Diagram of Prescaler
Table 3.9.1 Prescaler Clock Resolution to Baud Rate Generator
at fc
= 20 MHz, fs = 32.768 kHz
Prescaler Output Clock Resolution
Select System
Clock
<SYSCK>
Select Prescaler
Clock
<PRCK1:0>
Gear Value
<GEAR2:0>
φ1
φT0
φT2
φT8
φT32
1 (fs)
XXX
fs/2 (61
µs) fs/22 (122 µs) fs/24 (488.5 µs) fs/26 (1.95 µs) fs/28 (7.8 µs)
000 (fc)
fc/2 (0.1
µs) fc/22 (0.2 µs) fc/24 (0.8 µs)
fc/2
6 (3.2
µs)
fc/2
8 (12.8
µs)
001 (fc/2)
fc/2
2 (0.2
µs) fc/23 (0.4 µs) fc/25 (1.6 µs)
fc/2
7 (6.4
µs)
fc/2
9 (25.6
µs)
010 (fc/4)
fc/2
3 (0.4
µs) fc/24 (0.8 µs) fc/26 (3.2 µs)
fc/2
8 (12.8
µs) fc/210(51.2 µs)
011 (fc/8)
fc/2
4 (0.8
µs) fc/25 (1.6 µs) fc/27 (6.4 µs)
fc/2
9 (25.6
µs) fc/211(102.4 µs)
0 (fc)
00 (fFPH)
100 (fc/16)
fc/2
5 (1.6
µs) fc/26 (3.2 µs) fc/28 (12.8 µs)
fc/2
10(51.2
µs) fc/212(204.8 µs)
XXX
01
(Low-frequency
clock)
XXX
−
−
fs/2
4 (488.5
µs) fs/26 (1.95 µs) fs/28 (7.8 µs)
XXX
10 (Note)
(fc/16 clock)
XXX
−
−
fc/2
8 (12.8
µs)
fc/2
10(51.2
µs) fc/212(204.8 µs)
XXX: Don’t care,
−: Can not use
Note: The fc/16 clock as a prescaler prescaler clock can not be used when the fs is used as a system clock.
512
256
128
64
32
16
8
4
2
φT1
φT4
φT16
φT256
φT1
φT4
φT16
φ1
φT0
φT2
φT8
φT32
÷2
÷2
÷4
÷16
÷8
÷4
÷2
to CPU
System clock fSYS
9-bit prescaler
To 8-bit
timer 0, 1, 2 and
3
X1
fc/16
fc/8
fc/4
fc/2
fc
SYSCR1<GEAR2:0>
TRUN<PRRUN>
SYSCR0
<PRCK1:0>
Run/stop
and clear
To 16-bit timer 4
and 5
To serial
interface 0 and
1
fFPH
XT1
fs
SYSCR1<SYSCK>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com