Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 176 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 172Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 173Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 174Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 175Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 176Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 177Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 178Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 179Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 293 page
background image
Programmable counter array (PCA) with PWM
uPSD34xx
176/293
Table 93.
PCA0 and PCA1 Registers
27.2
PCA Clock Selection
●
The clock input to the 16-bit up counter in the PCA block is user-programmable. The
three clock sources are:
●
PCA Prescaler Clock (PCA0CLK, PCA1CLK)
●
Timer 0 Overflow
●
External Clock, Pin P4.3 or P4.7
The clock source is selected in the configuration register PCACON. The Prescaler output
clock PCACLK is the fOSC divided by the divisor which is specified in the CCON2 or CCON3
Register. When External Clock is selected, the maximum clock frequency should not exceed
fOSC/4.
SFR Address
Register Name
RW
Register Function
PCA0
PCA1
PCA0
PCA1
A2
BA
PCACL0
PCACL1
RW
The low 8 bits of PCA 16-bit
counter.
A3
BB
PCACH0
PCACH1
RW
The high 8 bits of PCA 16-bit
counter.
A4
BC
PCACON0
PCACON1
RW
Control Register
– Enable PCA, Timer Overflow
flag , PCA Idle Mode, and
Select clock source.
A5
A5
PCASTA
N/A
RW
Status Register, Interrupt Status
flags
– Common for both PCA Block 0
and 1.
A9,
AA,
AB
BD,
BE,
BF
TCMMODE0
TCMMODE1
TCMMODE2
TCMMODE3
TCMMODE4
TCMMODE5
RW
TCM Mode
– Capture, Compare, and Toggle
Enable Interrupts
– PWM Mode Select.
AC
AD
C1
C2
CAPCOML0
CAPCOMH0
CAPCOML3
CAPCOMH3
RW
Capture/Compare registers of
TCM0
AF
B1
C3
C4
CAPCOML1
CAPCOMH1
CAPCOML4
CAPCOMH4
RW
Capture/Compare registers of
TCM1
B2
B3
C5
C6
CAPCOML2
CAPCOMH2
CAPCOML5
CAPCOMH5
RW
Capture/Compare registers of
TCM2
B4
C7
PWMF0
PWMF1
RW
The 8-bit register to program the
PWM frequency. This register is
used for programmable, 8-bit
PWM Mode only.
FB
FC
CCON2
CCON3
RW
Specify the pre-scaler value of
PCA0 or PCA1 clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com