Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 180 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 176Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 177Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 178Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 179Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 180Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 181Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 182Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 183Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 293 page
background image
Programmable counter array (PCA) with PWM
uPSD34xx
180/293
Figure 61.
PWM mode - (x8) programmable frequency
Note:
m = 0: n = 0, 1, or 2
m = 1: n = 3, 4, or 5
27.9
PWM mode - fixed frequency, 16-bit
The operation of the 16-bit PWM is the same as the 8-bit PWM with fixed frequency. In this
mode, one or all the TCM can be configured to have a fixed frequency PWM output on the
port pins. The PWM frequency is depending on the clock input frequency to the 16-bit
Counter. The duty cycle of each TCM module can be specified in the CAPCOMHn and
CAPCOMLn Registers. When the 16-bit PCA_Counter is equal or greater than the values in
registers CAPCOMHn and CAPCOMLn, the PWM output is switched to a high state. When
the PCA_Counter overflows, CEXn is asserted low.
CLR
PCACHm
PWM FREQ COMPARE
PWMFm = PCACLm
PCACLm
CAPCOMHn
CEXn
ENABLE
ENABLE
8
8
PWMFm
8-bit COMPARATORm
8-bit COMPARATORn
CAPCOMLn
MATCH
S
R
Q
Q
SET
CLR
8
0
0
TCMMODEn
0
0
0
EINTF
E_COMP CAP_PE
CAP_NE
MATCH
TOGGLE
PWM1
PWM0
AI07860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com