Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 182 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 178Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 179Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 180Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 181Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 182Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 183Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 184Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 185Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 293 page
background image
Programmable counter array (PCA) with PWM
uPSD34xx
182/293
Table 96.
PCA0 control register PCACON0 (SFR 0A4h, reset value 00h)
Table 97.
PCA1 control register PCACON1 (SFR 0BCh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EN-ALL
EN_PCA
EOVFI
PCAIDLE
–
–
CLK_SEL[1:0]
Bit
Symbol
Function
7EN-ALL
0 = No impact on TCM modules
1 = Enable both PCA counters simultaneously (override the EN_PCA Bits)
This bit is to start the two 16-bit counters in the PCA. For customers who
want 5 PWM, for example, this bit can start all of the PWM outputs.
6EN_PCA
0 = PCA counter is disabled
1 = PCA counter is enabled
EN_PCA Counter Run Control Bit. Set with software to turn the PCA
counter on. Must be cleared with software to turn the PCA counter off.
5
EOVFI
1 = Enable Counter Overflow Interrupt if overflow flag (OVF) is set
4PCAIDLE
0 = PCA operates when CPU is in Idle Mode
1 = PCA stops running when CPU is in Idle Mode
3–
Reserved
210B_PWM
0 = Select 16-bit PWM
1 = Select 10-bit PWM
1-0
CLK_SEL
[1:0]
00 Select Prescaler clock as Counter clock
01 Select Timer 0 Overflow
10 Select External Clock pin (P4.3 for PCA0) (MAX clock rate = fOSC/4)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
EN_PCA
EOVFI
PCAIDLE
–
–
CLK_SEL[1:0]
Bit
Symbol
Function
6EN_PCA
0 = PCA counter is disabled
1 = PCA counter is enabled
EN_PCA Counter Run Control Bit. Set with software to turn the PCA
counter on. Must be cleared with software to turn the PCA counter off.
5
EOVFI
1 = Enable Counter Overflow Interrupt if overflow flag (OVF) is set
4PCAIDLE
0 = PCA operates when CPU is in Idle Mode
1 = PCA stops running when CPU is in Idle Mode
3–
Reserved
210B_PWM
0 = Select 16-bit PWM
1 = Select 10-bit PWM
1-0
CLK_SEL
[1:0]
00 Select Prescaler clock as Counter clock
01 Select Timer 0 Overflow
10 Select External Clock pin (P4.7 for PCA1) (MAX clock rate = fOSC/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com