Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 183 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 179Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 180Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 181Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 182Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 183Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 184Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 185Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 186Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 293 page
background image
uPSD34xx
Programmable counter array (PCA) with PWM
183/293
Table 98.
PCA status register PCASTA (SFR 0A5h, reset value 00h)
27.13
TCM interrupts
There are 8 TCM interrupts: 6 match or capture interrupts and two counter overflow
interrupts. The 8 interrupts are “ORed” as one PCA interrupt to the CPU.
By the nature of PCA application, it is unlikely that many of the interrupts occur
simultaneously. If they do, the CPU has to read the interrupt flags and determine which one
to serve. The software has to clear the interrupt flag in the Status Register after serving the
interrupt.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OVF1
INTF5
INTF4
INTF3
OVF0
INTF2
INTF1
INTF0
Bit
Symbol
Function
7OFV1
PCA1 Counter OverFlow flag
Set by hardware when the counter rolls over. OVF1 flags an interrupt if Bit
EOVFI in PCACON1 is set. OVF1 may be set with either hardware or
software but can only be cleared with software.
6INTF5
TCM5 Interrupt flag
Set by hardware when a match or capture event occurs.
Must be clear with software.
5INTF4
TCM4 Interrupt flag
Set by hardware when a match or capture event occurs.
Must be clear with software.
4INTF3
TCM3 Interrupt flag
Set by hardware when a match or capture event occurs.
Must be clear with software.
3OVF0
PCA0 Counter OverFlow flag
Set by hardware when the counter rolls over. OVF0 flags an interrupt if Bit
EOVFI in PCACON0 is set. OVF1 may be set with either hardware or
software but can only be cleared with software.
2INTF2
TCM2 Interrupt flag
Set by hardware when a match or capture event occurs.
Must be clear with software.
1INTF1
TCM1 Interrupt flag
Set by hardware when a match or capture event occurs.
Must be clear with software.
0INTF0
TCM0 Interrupt flag
Set by hardware when a match or capture event occurs.
Must be clear with software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com