Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 187 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 183Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 184Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 185Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 186Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 187Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 188Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 189Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 190Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 293 page
background image
uPSD34xx
PSD module
187/293
program address space (accessed with PSEN) or XDATA space (accessed with RD or WR)
as defined with PSDsoft Express. The user only has to specify an address range for each
segment, and specify if Secondary Flash memory will reside in 8032 data or program
address space, and then PSEN, RD, or WR are automatically activated for the specified
range. 8032 firmware is easily programmed into Secondary Flash memory using PSDsoft
Express and others. See Table 101 on page 187 for Secondary Flash sector sizes.
28.1.5
SRAM
The SRAM is selected by a single signal, named RS0, from the Decode PLD. SRAM may be
located at any address within 8032 XDATA space (accessed with RD or WR). These choices
are specified using PSDSoft Express, where the user specifies an SRAM address range.
See Table 101 on page 187 for SRAM sizes.
The SRAM may optionally be backed up by an external battery (or other DC source) to
make its contents non-volatile (see Section 28.5.62: SRAM standby mode (battery backup)
on page 250).
Table 101.
uPSD34xx memory configuration
28.1.6
Runtime control registers, csiop
A block of 256 bytes is decoded inside the PSD Module for module control and status (see
Table 106 on page 199). The base address of these 256 locations is referred to in this data
sheet as csiop (Chip Select I/O Port), and is selected by the Decode PLD output signal,
CSIOP. The csiop registers are always viewed by the 8032 as XDATA, and are accessed
with RD and WR signals. The address range of csiop is specified using PSDsoft Express
where the user only has to specify an address range of 256 bytes, and then the RD or WR
signals are automatically activated for the specified range. Individual registers within this
block are accessed with an offset from the specified csiop base address. 39 registers are
used out of the 256 locations to control the output state of I/O pins, to read I/O pins, to set
the memory page, to control 8032 program and data address space, to control power
management, to READ/WRITE macrocells inside the General PLD, and other functions
during runtime. Unused locations within csiop are reserved and should not be accessed.
28.1.7
Memory page register
8032 MCU architecture has an inherent size limit of 64K bytes in either program address
space or XDATA space. Some uPSD34xx devices have much more memory that 64K, so
special logic such as this page register is needed to access the extra memory. This 8-bit
page register (Figure 63) can be loaded and read by the 8032 at runtime as one of the csiop
registers. Page register outputs feed directly into both PLDs creating extended address
Device
Main Flash Memory
Secondary Flash Memory
SRAM
Total
Flash
Size
(bytes)
Individual
Sector
Size
(bytes)
Number of
Sectors
(Sector
Select Signal)
Total
Flash
Size
(bytes)
Individual
Sector
Size
(bytes)
Number of
Sectors
(Sector Select
Signal)
SRAM
Size
(bytes)
uPSD3422
64K
16K
4 (FS0-3)
32K
8K
4 (CSBOOT0-3)
4K
uPSD3433
128K
16K
8 (FS0-7)
32K
8K
4 (CSBOOT0-3)
8K
uPSD3434
256K
32K
8 (FS0-7)
32K
8K
4 (CSBOOT0-3)
8K
uPSD3454
256K
32K
8 (FS0-7)
32K
8K
4 (CSBOOT0-3)
32K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com