Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 190 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 190 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 186Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 187Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 188Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 189Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 190Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 191Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 192Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 193Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 293 page
background image
PSD module
uPSD34xx
190/293
Table 102.
General I/O pins on PSD module
Note:
Four pins on Port C are dedicated to JTAG, leaving four pins for general I/O.
Each I/O pin on the PSD Module can be individually configured for different functions on a
pin-by-pin basis (Figure 80 on page 226). Following are the available functions on PSD
Module I/O pins.
●
MCU I/O: 8032 controls the output state of each port pin or it reads input state of each
port pin, by accessing csiop registers at run-time. The direction (in or out) of each pin is
also controlled by csiop registers at run-time.
●
PLD I/O: PSDsoft Express logic equations and pin configuration selections determine if
pins are connected to OMC outputs or IMC inputs. This is a static and non-volatile
configuration. Port pins connected to PLD outputs can no longer be driven by the 8032
using MCU I/O output mode.
●
Latched MCU Address Output: Port A or Port B can output de-multiplexed 8032
address signals A0 - A7 on a pin-by-pin basis as specified in csiop registers at run-
time. In addition, Port B can also be configured to output de-multiplexed A8-A15 in
PSDsoft Express.
●
Data Bus Repeater: Port A can bi-directionally buffer the 8032 data bus (de-
multiplexed) for a specified address range in PSDsoft Express. This is referred to as
Peripheral I/O Mode in this document.
●
Open Drain Outputs: Some port pins can function as open-drain as specified in csiop
registers at run-time.
●
Pins on Port D can be used for external chip-select outputs originating from the
DPLD, without consuming OMC resources within the GPLD.
28.1.15
JTAG port
In-System Programming (ISP) can be performed through the JTAG signals on Port C. This
serial interface allows programming of the entire PSD Module device or subsections of the
PSD Module (for example, only Flash memory but not the PLDs) without the participation of
the 8032. A blank uPSD34xx device soldered to a circuit board can be completely
programmed in 10 to 25 seconds. The four basic JTAG signals on Port C; TMS, TCK, TDI,
and TDO form the IEEE-1149.1 interface. The PSD Module does not implement the IEEE-
1149.1 Boundary Scan functions, but uses the JTAG interface for ISP an 8032 debug. The
PSD Module can reside in a standard JTAG chain with other JTAG devices and it will remain
in BYPASS mode when other devices perform JTAG functions.
ISP programming time can be reduced as much as 30% by using two optional JTAG signals
on Port C, TSTAT and TERR, in addition to TMS, TCK, TDI and TDO, and this is referred to
as “6-pin JTAG”. The FlashLINK JTAG programming cable is available from
STMicroelectronics and PSDsoft Express software is available at no charge from
www.st.com/psm. More JTAG ISP information maybe found in Section 28.6.1: JTAG ISP and
JTAG debug on page 251.
The MCU module is also included in the JTAG chain within the uPSD34xx device for 8032
debugging and emulation. While debugging, the PSD Module is in BYPASS mode.
Conversely, during ISP, the MCU Module is in BYPASS mode.
Pkg
Port A
Port B
Port C
Port D
Total
52-pin
0841
13
80-pin
8842
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com