Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 120Page - STMicroelectronics STM32U375VG Datasheet HTML 121Page - STMicroelectronics STM32U375VG Datasheet HTML 122Page - STMicroelectronics STM32U375VG Datasheet HTML 123Page - STMicroelectronics STM32U375VG Datasheet HTML 124Page - STMicroelectronics STM32U375VG Datasheet HTML 125Page - STMicroelectronics STM32U375VG Datasheet HTML 126Page - STMicroelectronics STM32U375VG Datasheet HTML 127Page - STMicroelectronics STM32U375VG Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 222 page
background image
Table 69. Regulator mode transition times
Symbol
Parameter
Conditions
Typ (3 V, 30 °C)
Max(1) (3 V) Unit
tLDO(2)
SMPS to LDO transition time
Range 2 (EPOD booster OFF)
17.9
21
µs
Range 2 (EPOD booster ON)
16.6
21
Range 1 (with EPOD booster ON)
15.6
19
tSMPS(2)
LDO to SMPS transition time
Range 2 (EPOD booster OFF)
14.6
17
µs
Range 2 (EPOD booster ON)
13.4
16
Range 1 (with EPOD booster ON)
16.5
19
tVOST (without EPOD booster)
Range 1 to range 2
LDO
5.3
8.7
µs
SMPS
3.6
4.7
Range 2 to range 1
LDO
19.5
22
SMPS
26.2
31
tVOST (with EPOD booster)
Range 1 to range 2
LDO
4.4
7.3
µs
SMPS
2.8
3.7
Range 2 to range 1
LDO
18.9
23
SMPS
25.1
23
1. Evaluated by characterization and not tested in production. Temperature range from -40°C to 110°C.
2. Time to PWR_SVMSR.REGS change
Table 70. Wake-up time using USART/LPUART
Symbol
Parameter
Typ Max(1) Unit
tWUUSART/
tWULPUART
Wake-up time needed to calculate the maximum USART/LPUART baudrate allowing to wake up from Stop
mode when USART/LPUART clock source is HSI16/MSI
-
(2)
µs
1. Guaranteed by design.
2. This wakeup time is HSI16 or the MSI oscillator maximum startup time
5.3.8
External clock timing characteristics
High-speed external user clock generated from an external source
In bypass mode, the HSE oscillator is switched off and the input pin is a standard GPIO.
The external clock signal has to respect the I/O characteristics in Section 5.3.14: I/O port characteristics.
However, the recommended clock input waveform is shown in the figure below.
Table 71. High-speed external user clock characteristics
Specified by design and not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source
frequency
Digital mode (HSEYBYP = 1, HSEEXT = 1)
-
-
50
MHz
Analolog mode (HSEYBYP = 1, HSEEXT = 0)
4
-
50
VHSEH
OSC_IN input pin high-level
voltage
Digital mode (HSEYBYP = 1, HSEEXT = 1)
0.7 × VDD
-
VDD
V
VHSEL
OSC_IN input pin low-level
voltage
Digital mode (HSEYBYP = 1, HSEEXT = 1)
VSS
-
0.3 × VDD
tw(HSEH)
tw(HSEL)
OSC_IN high or low time
Digital mode (HSEYBYP = 1, HSEEXT = 1), voltage
scaling range 1
7
-
-
ns
Digital mode (HSEYBYP = 1, HSEEXT = 1), voltage
scaling range 2
18
-
-
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 124/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com