Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 124Page - STMicroelectronics STM32U375VG Datasheet HTML 125Page - STMicroelectronics STM32U375VG Datasheet HTML 126Page - STMicroelectronics STM32U375VG Datasheet HTML 127Page - STMicroelectronics STM32U375VG Datasheet HTML 128Page - STMicroelectronics STM32U375VG Datasheet HTML 129Page - STMicroelectronics STM32U375VG Datasheet HTML 130Page - STMicroelectronics STM32U375VG Datasheet HTML 131Page - STMicroelectronics STM32U375VG Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 222 page
background image
Low-speed external clock generated from a crystal resonator
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal resonator oscillator. All the
information given in this paragraph are based on design simulation results obtained with typical external
components specified in the table below. In the application, the resonator and the load capacitors have to be
placed as close as possible to the oscillator pins in order to minimize output distortion and startup stabilization
time. Refer to the crystal resonator manufacturer for more details on the resonator characteristics (frequency,
package, accuracy).
Table 74. LSE oscillator characteristics (fLSE = 32.768 kHz)
Specified by design and not tested in production.
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
IDD(LSE)
LSE current consumption
LSEDRV[1:0] = 00, low-drive capability
-
340
-
nA
LSEDRV[1:0] = 01, medium low-drive capability
-
380
-
LSEDRV[1:0] = 10, medium high-drive capability
-
520
-
LSEDRV[1:0] = 11, high-drive capability
-
660
-
Gmcritmax Maximum critical crystal Gm
LSEDRV[1:0] = 00, low-drive capability
-
-
0.5
µA/V
LSEDRV[1:0] = 01, medium low-drive capability
-
-
0.75
LSEDRV[1:0] = 10, medium high-drive capability
-
-
1.7
LSEDRV[1:0] = 11, high-drive capability
-
-
2.7
CS_PARA
Internal stray parasitic capacitance(2)
-
-
3
-
pF
tSU(LSE)(3) Startup time
VDD is stabilized
-
2
-
s
1. Refer to the note below this table.
2. CS_PARA is the equivalent capacitance seen by the crystal due to OSC32_IN and OSC32_OUT internal parasitic capacitances.
3. tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768 kHz oscillation is reached. This
value is measured for a standard crystal and it can vary significantly with the crystal manufacturer
Note:
For information on selecting the crystal, refer to the application note 'Oscillator design guide for STM8AF/AL/S,
STM32 MCUs and MPUs' (AN2867).
Figure 33. Typical application with a 32.768 kHz crystal
OSC32_IN
OSC32_OUT
Drive
programmable
amplifier
fLSE
32.768 kHz resonator
Resonator with integrated capacitors
CL1
CL2
CS
Note: CL1 and CL2 are external load capacitances. Cs (stray capacitance) is the sum of the device OSC32_IN/OSC32_OUT pins
equivalent parasitic capacitance (CS_PARA), and the PCB parasitic capacitance.
Note:
An external resistor is not required between OSC32_IN and OSC32_OUT and it is forbidden to add one.
5.3.9
Internal clock timing characteristics
The parameters given in the tables below are derived from tests performed under ambient temperature and
supply voltage conditions summarized in Table 27. The curves provided are characterization results, not tested in
production.
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 128/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com