Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 127Page - STMicroelectronics STM32U375VG Datasheet HTML 128Page - STMicroelectronics STM32U375VG Datasheet HTML 129Page - STMicroelectronics STM32U375VG Datasheet HTML 130Page - STMicroelectronics STM32U375VG Datasheet HTML 131Page - STMicroelectronics STM32U375VG Datasheet HTML 132Page - STMicroelectronics STM32U375VG Datasheet HTML 133Page - STMicroelectronics STM32U375VG Datasheet HTML 134Page - STMicroelectronics STM32U375VG Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 222 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMSI
MSI frequency
after factory
calibration
VDD = 3 V and TJ =
30 °C
PLL mode XTAL =
16 MHz
MSI Range 7
MSIPLL1N[1:0] =
0x
MHz
-
3.00195
-
MSI Range 4
MSIPLL1N[1:0] =
10
-
22.5809
-
MSI Range 5
MSIPLL1N[1:0] =
10
-
11.29045
-
MSI Range 6
MSIPLL1N[1:0] =
10
-
5.6452
-
MSI Range 7
MSIPLL1N[1:0] =
10
-
2.8226
-
MSI Range 4
MSIPLL1N[1:0] =
11
-
24.577
-
MSI Range 5
MSIPLL1N[1:0] =
11
-
12.2885
-
MSI Range 6
MSIPLL1N[1:0] =
11
-
6.1442
-
MSI Range 7
MSIPLL1N[1:0] =
11
-
3.0721
-
DuCy(MSI)(3)
Duty cycle
MSI Range 0
45
-
55
%
MSI Range 4
40
-
60
MSI others ranges
48
-
52
TRIM
User trimming
step
-
-
0.4
-
%
USER TRIM
COVERAGE
User trimming
coverage
64 steps
-
±6
-
%
ΔTEMP(MSI)(4)
MSI oscillator
frequency drift
over
temperature
(reference is
30 °C)
MSI mode
TJ = -40 to 110 °C
-
-3
-
2
%
ΔVDD(MSI)(4)
MSI oscillator
frequency drift
over VDD
(reference is
3 V)
MSI mode
MSI range 0 to 3
VDD = 1.58 V to
3.6 V
-2
-
1
%
VDD = 2.4 V to
3.6 V
-1
-
1
MSI range 4 to 7
VDD = 1.58 V to
3.6 V
-2
-
1
VDD = 2.4 V to
3.6 V
-1
-
1
ΔFSAMPLING(MSI)
(4)(3)
MSI frequency
variation in
sampling mode
(MSIBIAS = 1)
MSI mode
TJ = -40 to 110 °C
-
-
-
0.2
-
CC jitter(MSI)(3)
RMS Cycle-to-
cycle jitter
PLL mode
96 MHz (Range 0)
-
-
14
-
ps
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 131/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com