Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 131Page - STMicroelectronics STM32U375VG Datasheet HTML 132Page - STMicroelectronics STM32U375VG Datasheet HTML 133Page - STMicroelectronics STM32U375VG Datasheet HTML 134Page - STMicroelectronics STM32U375VG Datasheet HTML 135Page - STMicroelectronics STM32U375VG Datasheet HTML 136Page - STMicroelectronics STM32U375VG Datasheet HTML 137Page - STMicroelectronics STM32U375VG Datasheet HTML 138Page - STMicroelectronics STM32U375VG Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 222 page
background image
1. Evaluated by characterization, not tested in production, unless otherwise specified.
2. Specified by design, not tested in production.
5.3.10
Flash memory characteristics
Table 79. Flash memory characteristics
Specified by design and not tested in production.
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
tprog
64
‑bit programming time
Normal mode
72.8
80.8
µs
Burst mode
42.2
46.8
tprog_page
One 4
‑Kbyte page programming time
fAHB = 96 MHz, normal mode
37.2
41.3
ms
fAHB = 96 MHz, burst mode
21.6
24.0
tprog_bank
One 512
‑Kbyte bank programming time
fAHB = 96 MHz, normal mode
4767.3
5291.7
fAHB = 96 MHz, burst mode
2764.9
3069
tERASE
One 4
‑Kbyte page erase time
10 k endurance cycles
11.8
13.1
tME
Mass erase time (one bank)
10 k endurance cycles
11.9
13.2
Mass erase time (two banks)
23.9
26.5
IDD(2)
Average consumption from VDD
Write mode
1.4
-
mA
Erase mode
1.7
-
Maximum current (peak)
Write mode
4.0
-
Erase mode
6.4
-
1. Evaluated by characterization after cycling. Not tested in production.
2. Evaluated by characterization. Not tested in production.
Table 80. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
Unit
NEND
Endurance
Whole bank
TA = –40 to 105 °C
10
Kcycle
tRET
Data retention
TA = 85 °C after 1 Kcycle(2)
30
Year
TA = 105 °C after 1 Kcycle(2)
15
TA = 55 °C after 10 Kcycles(2)
30
TA = 85 °C after 10 Kcycles(2)
15
TA = 105 °C after 10 Kcycles(2)
10
1. Evaluated by characterization. Not tested in production.
2. Cycling performed over the whole temperature range.
5.3.11
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (electromagnetic susceptibility)
While a simple application is executed on the device (toggling two LEDs through the I/O ports), the device is
stressed by two electromagnetic events until a failure occurs. The failure is indicated by the LEDs as follows:
•
Electrostatic discharge (ESD) (positive and negative): applied to all device pins until a functional
disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
•
FTB (fast transient voltage burst) (positive and negative): applied to VDD and VSS pins through a 100 pF
capacitor, until a functional disturbance occurs. This test is compliant with the IEC 61000-4-4 standard.
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 135/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com