Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 132Page - STMicroelectronics STM32U375VG Datasheet HTML 133Page - STMicroelectronics STM32U375VG Datasheet HTML 134Page - STMicroelectronics STM32U375VG Datasheet HTML 135Page - STMicroelectronics STM32U375VG Datasheet HTML 136Page - STMicroelectronics STM32U375VG Datasheet HTML 137Page - STMicroelectronics STM32U375VG Datasheet HTML 138Page - STMicroelectronics STM32U375VG Datasheet HTML 139Page - STMicroelectronics STM32U375VG Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 222 page
background image
A device reset allows normal operations to be resumed.
The test results are given in the table below. They are based on the EMS levels and classes defined in application
note EMC design guide for STM8, STM32 and Legacy MCUs (AN1709).
Table 81. EMS characteristics
Symbol
Parameter
Conditions
Level/
Class
VFESD
Voltage limits to be applied on any I/O pin to
induce a functional disturbance
VDD = 3.3 V, TA = 25°C, fHCLK = 96 MHz, LQFP100_SMPS package
conforming to IEC 61000-4-2
2B
VEFTB
Fast transient voltage burst limits to be
applied through 100 pF on VDD and VSS
pins to induce a functional disturbance
VDD = 3.3 V, TA = 25°C, fHCLK = 96 MHz, LQFP100_SMPS package
conforming to IEC 61000-4-4
5A
Designing hardened software to avoid noise problems
The EMC characterization and optimization are performed at component level with a typical application
environment and simplified MCU software. Note that good EMC performance is highly dependent on the user
application and the software in particular.
Therefore it is recommended that the user applies EMC software optimization and prequalification tests in relation
with the EMC level requested for the application.
Software recommendations
The software flowchart must include the management of runaway conditions such as:
•
Corrupted program counter
•
Unexpected reset
•
Critical data corruption (control registers)
Prequalification trials
Most of the common failures (unexpected reset and program counter corruption) can be reproduced by manually
forcing a low state on the NRST pin or the oscillator pins for one second.
To complete these trials, ESD stress can be applied directly on the device, over the range of specification values.
When unexpected behavior is detected, the software can be hardened to prevent unrecoverable errors occurring.
See application note Software techniques for improving microcontrollers EMC performance (AN1015) for more
details.
Electromagnetic Interference (EMI)
The electromagnetic field emitted by the device is monitored while a simple application is executed (toggling two
LEDs through the I/O ports). This emission test is compliant with IEC 61967-2 standard that specifies the test
board and the pin loading.
Table 82. EMI characteristics for fHSE = 16 MHz and fHCLK = 96 MHz
Symbol
Parameter
Conditions
Monitored frequency band
Value
Unit
SEMI
Peak(1)
VDD = 3.6 V, TA = 25 ° C,
LQFP100_SMPS package compliant with IEC 61967-2
0.1 MHz to 30 MHz
22
dBμV
30 MHz to 130 MHz
10
130 MHz to 1 GHz
10
1 GHz to 2 GHz
18
Level(2)
0.1 MHz to 2 GHz
4
1. Refer to the EMI radiated test section of the application note EMC design guide for STM8, STM32 and Legacy MCUs (AN1709).
2. Refer to the EMI level classification section of the application note EMC design guide for STM8, STM32 and Legacy MCUs (AN1709).
5.3.12
Electrical sensitivity characteristics
Based on three different tests (ESD, latch-up) using specific measurement methods, the device is stressed in
order to determine its performance in terms of electrical sensitivity.
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 136/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com