Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 128Page - STMicroelectronics STM32U375VG Datasheet HTML 129Page - STMicroelectronics STM32U375VG Datasheet HTML 130Page - STMicroelectronics STM32U375VG Datasheet HTML 131Page - STMicroelectronics STM32U375VG Datasheet HTML 132Page - STMicroelectronics STM32U375VG Datasheet HTML 133Page - STMicroelectronics STM32U375VG Datasheet HTML 134Page - STMicroelectronics STM32U375VG Datasheet HTML 135Page - STMicroelectronics STM32U375VG Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 222 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CC jitter(MSI)(3)
RMS Cycle-to-
cycle jitter
PLL mode
24 MHz (Range 4,
MSIPLL1N[1:0] = 0x)
-
-
-
ps
35.5
22.5 MHz (Range 4,
MSIPLL1N[1:0] = 10)
38
24.6 MHz (Range 4,
MSIPLL1N[1:0] = 11)
34.5
P jitter(MSI)(3)
RMS period
jitter
PLL mode
96 MHz (Range 0)
-
-
11
-
ps
24 MHz (Range 4,
MSIPLL1N[1:0] = 0x)
26
22.5 MHz (Range 4,
MSIPLL1N[1:0] = 10)
28
24.6 MHz (Range 4,
MSIPLL1N[1:0] = 11)
25
tsu(MSI)(3)
MSI oscillator
startup time (5)
MSI range 0 to 3
-
-
-
-
130 ns
+ 38
cycles
of 96
MHz
-
MSI range 4 to 7
-
-
-
-
350 ns
+ 16
cycles
of 24
MHz
tswitch(MSI)(3)
MSI oscillator
transition time(6)
-
-
-
-
2
destination
+ 2 source
MSI
cycles(7)
-
-
tstab(MSI)(3)
MSI oscillator
stabilization
time
Normal mode
Supply Range 1
Final frequency
-
-
10
µs
Supply Range 2 and
Stop modes
-
-
200
PLL mode
MSIPLLFAST = 0
MSI Range 0 to 3,
CKIN = 16 MHz
1% of final
frequency
-
-
0.15
ms
MSI Range 0 to 3,
CKIN = 32.768 kHz
-
-
0.8
MSI Range 4 to 7
-
-
0.75
PLL mode
MSIPLLFAST = 1
MSI Range 0 to 3
1% of final
frequency
-
-
28
cycles
of
96 MHz
-
MSI Range 4 to 7
-
-
15
cycles
of
24 MHz
-
IDD(MSI OFF
PLLFAST)(3)
MSI PLL mode
oscillator power
consumption
when disabled
with PLL
accuracy
retention
LDO
MSIPLLEN = 1 and
MSIPLLFAST = 1
MSI Range 0 to
3, CKIN =
16 MHz
-
32
-
µA
MSI Range 0 to
3, CKIN =
32.768 kHz
-
20
-
MSI Range 4 to 7
-
8
-
SMPS
MSI Range 0 to
3, CKIN =
16 MHz
-
25
-
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 132/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com