Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 139Page - STMicroelectronics STM32U375VG Datasheet HTML 140Page - STMicroelectronics STM32U375VG Datasheet HTML 141Page - STMicroelectronics STM32U375VG Datasheet HTML 142Page - STMicroelectronics STM32U375VG Datasheet HTML 143Page - STMicroelectronics STM32U375VG Datasheet HTML 144Page - STMicroelectronics STM32U375VG Datasheet HTML 145Page - STMicroelectronics STM32U375VG Datasheet HTML 146Page - STMicroelectronics STM32U375VG Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 222 page
background image
Speed
Symbol
Parameter
Conditions
Min
Max
Unit
10 and 11(1)
tr/tf
Output rise and fall time
all I/Os
C = 10 pF, 1.58 V ≤ VDDIOx < 2 V
ns
-
3.8(2)
C = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
7.2
Fm+
Fmax
Maximum frequency
C = 550 pF, 1.08 V ≤ VDDIOx < 3.6 V
-
1
MHz
tf
Output fall time(4)
C = 100 pF, 1.58 V ≤ VDDIOx < 3.6 V
-
50
ns
C = 100 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
80
C = 550 pF, 1.58 V ≤ VDDIOx < 3.6 V
-
100
C = 550 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
220
1. Very high speed config 11 has the same characteritics as High speed config 10.
2. Compensation system enabled.
3. The I/O frequency is actually limited by the device maximum frequency (96 MHz)
4. The fall time is defined between 70% and 30% of the output waveform according to I2C specification.
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 143/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com