Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 140Page - STMicroelectronics STM32U375VG Datasheet HTML 141Page - STMicroelectronics STM32U375VG Datasheet HTML 142Page - STMicroelectronics STM32U375VG Datasheet HTML 143Page - STMicroelectronics STM32U375VG Datasheet HTML 144Page - STMicroelectronics STM32U375VG Datasheet HTML 145Page - STMicroelectronics STM32U375VG Datasheet HTML 146Page - STMicroelectronics STM32U375VG Datasheet HTML 147Page - STMicroelectronics STM32U375VG Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 222 page
background image
Table 90. Output AC characteristics, HSLV ON (all I/Os)
The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For instance, TT_a refers to
any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
The I/O speed is configured using the OSPEEDRy[1:0] bits. Refer to the product reference manual for a description of GPIO port configuration
register.
Specified by design. Not tested in production.
Speed
Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
C = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
8
MHz
C = 50 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
2
C = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
10
C = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
2
tr/tf
Output rise and fall time
C = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
16.8
ns
C = 50 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
30.1
C = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
10.4
C = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
17.8
01
Fmax
Maximum frequency
C = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
50
MHz
C = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
10
C = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
50
C = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
10
tr/tf
Output rise and fall time
C = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
5.2
ns
C = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
9.9
C = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
3
C = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
5.3
10 and 11(1)
Fmax
Maximum frequency
C = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
67(2)
MHz
C = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
20
C = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
110(2)(3)
C = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
20
tr/tf
Output rise and fall time
C = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
4.5(2)
ns
C = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
8.9
C = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
2.2(2)
C = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
4.4
1. Very high speed config 11 has the same characteritics as High speed config 10.
2. Compensation system enabled.
3. The I/O frequency is actually limited by the device maximum frequency (96 MHz).
Table 91. Output AC characteristics for FT_o and PC13 I/Os
Specified by design and not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
Fmax
Maximum frequency
CL = 50 pF, 2.7 V ≤ VSW ≤ 3.6 V, VDD off
-
0.5
MHz
CL = 50 pF, 1.58 V ≤ VSW < 2.7 V, VDD off
-
0.25
tr/tf
Output rise and fall time
CL = 50 pF, 2.7 V ≤ VSW ≤ 3.6 V, VDD off
-
400
ns
CL = 50 pF, 1.58 V ≤ VSW < 2.7 V, VDD off
-
900
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 144/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com