Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 150 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 146Page - STMicroelectronics STM32U375VG Datasheet HTML 147Page - STMicroelectronics STM32U375VG Datasheet HTML 148Page - STMicroelectronics STM32U375VG Datasheet HTML 149Page - STMicroelectronics STM32U375VG Datasheet HTML 150Page - STMicroelectronics STM32U375VG Datasheet HTML 151Page - STMicroelectronics STM32U375VG Datasheet HTML 152Page - STMicroelectronics STM32U375VG Datasheet HTML 153Page - STMicroelectronics STM32U375VG Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 222 page
background image
Figure 39. ADC accuracy characteristics
(1) Example of an actual transfer curve
(2) Ideal transfer curve
(3) End-point correlation line
n = ADC resolution
ET = total unadjusted error: maximum deviation
between the actual and ideal transfer curves
EO = offset error: maximum deviation between the first
actual transition and the first ideal one
EG = gain error: deviation between the last ideal
transition and the last actual one
ED = differential linearity error: maximum deviation
between actual steps and the ideal one
EL = integral linearity error: maximum deviation between
any actual transition and the end point correlation line
2n-1
7
6
5
4
3
2
1
0
Output code
EO
VSSA
2n-2
2n-3
VREF+ (VDDA)
ET
EL
ED
1 LSB ideal
EG
(1)
(2)
(3)
(or
)]
[1LSB =
VDDA
2n
VREF+
2n
Figure 40. Typical connection diagram when using the ADC with FT/TT pins featuring analog switch function
Sample-and-hold ADC converter
Converter
Cparasitic(2)
Ilkg(3)
CADC
VDDA(4)
RAIN(1)
VAIN
RADC
VREF+(4)
VSSA
I/O
analog
switch
Sampling
switch with
multiplexing
VSS
VSS
(1): Refer to the ADCx characteristic table for the values of RAIN and CADC.
(2): Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the
pad capacitance (refer to Table 86. I/O static characteristics for the value of the pad capacitance). A high Cparasitic
value downgrades the conversion accuracy. To remedy this, fADC must be reduced.
(3): Refer to Table 86. I/O static characteristics for the values of Ilkg.
(4): Refer to Section 5.1.6: Power supply scheme.
General PCB design guidelines
The power-supply decoupling must be performed as shown in the corresponding power
‑supply scheme. The
100 nF capacitor must be ceramic (good quality) and must be placed as close as possible to the chip.
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 150/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com