Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 151 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 147Page - STMicroelectronics STM32U375VG Datasheet HTML 148Page - STMicroelectronics STM32U375VG Datasheet HTML 149Page - STMicroelectronics STM32U375VG Datasheet HTML 150Page - STMicroelectronics STM32U375VG Datasheet HTML 151Page - STMicroelectronics STM32U375VG Datasheet HTML 152Page - STMicroelectronics STM32U375VG Datasheet HTML 153Page - STMicroelectronics STM32U375VG Datasheet HTML 154Page - STMicroelectronics STM32U375VG Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 222 page
background image
5.3.19
Temperature sensor characteristics
Table 98. Temperature sensor characteristics
Symbol
Parameter
Min Typ
Max
Unit
TL(1)
VSENSE linearity with temperature
-
-
1.3
°C
Avg_Slope(1)
Average slope
2
2.5
3.0
mV/°C
V30(2)
Voltage at 30° C (± 1 ° C)
700
752
800
mV
Delta(Vcontinuous - Vsampling)(3)
Difference of voltage between continuous and sampling modes(4)
-
-
–10/+4
tSTART
(TS_BUF)(3)
Sensor buffer startup time
-
1
10
µs
tS_temp(3)
ADC sampling time when reading the temperature
13
-
-
IDD(TS)(3)
Temperature sensor consumption from VDD, when selected by ADC
-
14
20
µA
1. Evaluated by characterization. Not tested in production.
2. Measured at VREF+ = VDDA = 3.0 V ± 10 mV. The V30 A/D conversion result is stored in the TS_CAL1 byte. Refer to Table 10. Temperature
sensor calibration values.
3. Specified by design. Not tested in production.
4. The temperature sensor is in continuous mode when the regulator is in range 1. The temperature sensor is in sampling mode when the
regulator is in range 2, or when the device is in Stop 1 mode.
5.3.20
VCORE monitoring characteristics
Table 99. VCORE monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
tS_VCORE(1)
ADC sampling time when reading the VCORE voltage
1
-
-
µs
1. Specified by design. Not tested in production.
5.3.21
VBAT monitoring characteristics
Table 100. VBAT monitoring characteristics
Symbol
Parameter(1)
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-
4x 25.6
-
kΩ
Q
Ratio on VBAT measurement
-
4
-
-
Er(2)
Error on Q
-5
-
5
%
tS_VBAT(2)
ADC sampling time when reading the VBAT
5
-
-
µs
1. 1.58 V ≤ VBAT ≤ 3.6 V
2. Specified by design. Not tested in production.
Table 101. VBAT charging characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RBC
Battery charging resistor
VBRS = 0
-
5
-
kΩ
VBRS = 1
-
1.5
-
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 151/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com