Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 157 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 153Page - STMicroelectronics STM32U375VG Datasheet HTML 154Page - STMicroelectronics STM32U375VG Datasheet HTML 155Page - STMicroelectronics STM32U375VG Datasheet HTML 156Page - STMicroelectronics STM32U375VG Datasheet HTML 157Page - STMicroelectronics STM32U375VG Datasheet HTML 158Page - STMicroelectronics STM32U375VG Datasheet HTML 159Page - STMicroelectronics STM32U375VG Datasheet HTML 160Page - STMicroelectronics STM32U375VG Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 222 page
background image
Figure 44. VREFBUF_OUT versus temperature (VRS = 010)
2.025
2.03
2.035
2.04
2.045
2.05
2.055
2.06
-40
-20
0
20
40
60
80
100
V
⁰C
Mean
Min
Max
Figure 45. VREFBUF_OUT versus temperature (VRS = 011)
2.47
2.475
2.48
2.485
2.49
2.495
2.5
2.505
2.51
2.515
-40
-20
0
20
40
60
80
100
V
⁰C
Mean
Min
Max
5.3.24
Comparator characteristics
Table 105. COMP characteristics
The input capacitance is negligible compared to the I/O capacitance.
Specified by design and not tested in production, unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max Unit
VDDA
Analog supply voltage for COMP ON
-
1.58
-
3.6
V
VIN
Comparator input voltage range
-
0
-
VDDA
VREFINT(1)
Scaler input voltage
-
(1)
VSC
Scaler offset voltage
-
-
±5
±10
mV
IDDA(SCALER) Scaler static consumption from VDDA
Scaler bridge disabled(2)
-
0.2
0.25
μA
Scaler bridge enabled(3)
-
0.7
1
tSTART_SCALER Scaler startup time
-
-
130
220
µs
tSTART(4)
Comparator startup time to reach propagation delay
specification
High-speed mode
-
-
8
Intermediate mode
-
-
12
Medium mode
-
-
16
Ultra-low-power mode
-
-
60
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 157/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com