Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 154Page - STMicroelectronics STM32U375VG Datasheet HTML 155Page - STMicroelectronics STM32U375VG Datasheet HTML 156Page - STMicroelectronics STM32U375VG Datasheet HTML 157Page - STMicroelectronics STM32U375VG Datasheet HTML 158Page - STMicroelectronics STM32U375VG Datasheet HTML 159Page - STMicroelectronics STM32U375VG Datasheet HTML 160Page - STMicroelectronics STM32U375VG Datasheet HTML 161Page - STMicroelectronics STM32U375VG Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 222 page
background image
Symbol
Parameter
Conditions
Min Typ Max Unit
tD(4)
Propagation delay for 200 mV step with 100 mV
overdrive
High-speed mode
-
50
100
ns
Intermediate mode
-
240
490
Medium mode
-
400
740
Ultra-low-power mode
-
4
7.5
µs
Voffset(4)
Comparator offset error
Full common mode range
-
±8
±20
mV
Vhys(4)
Comparator hysteresis
No hysteresis
-
0
-
Low hysteresis
-
13
-
Medium hysteresis
-
26
-
High hysteresis
-
39
-
Ibias(4)
Comparator input bias current
-
(5)
nA
IDDA(COMP)(4) Comparator consumption from VDDA
High-speed mode, static
-
43
72
µA
High-speed mode, with 50 kHz, ±100 mV
overdrive square signal
-
44
73
Intermediate mode, static
-
8.5
14
Intermediate mode with 50 kHz, ±100 mV
overdrive square signal
-
9
15
Medium mode, static
-
4
7
Medium mode, with 50 kHz, ±100 mV
overdrive square signal
-
4.5
7.5
Ultra-low-power mode, static
-
0.38 1.05
Ultra-low-power mode, with 50 kHz,
±100 mV overdrive square signal
-
1.5
2.5
1. Refer to Table 30
2. No VREFINT division, includes only buffer consumption.
3. VREFINT division, includes resistor bridge and buffer consumption.
4. Evaluated by characterization. Not tested in production.
5. Mostly I/O leakage when used in analog mode. Refer to Ilkg parameter in Table 86. I/O static characteristics.
5.3.25
Operational amplifiers characteristics
Table 106. OPAMP characteristics
OPA_RANGE must be set to 1 in OPAMP1_CSR.
Specified by design and not tested in production, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage range
for OPAMP ON
-
1.60
-
3.6
V
CMIR
Common mode input range
-
0
-
VDDA
VIOFFSET
Input offset voltage
TJ = 30°C, no load on output, normal mode
-
-
±3
mV
TJ= 30°C, no load on output, low
‑power mode
-
-
±3
All voltages and temperature, normal mode
-
-
±7
All voltages and temperature, low
‑power mode
-
-
±11.5
ΔVIOFFSET
Input offset voltage drift over
temperature
Normal mode
-
±7
-
μV/°C
Low
‑power mode
-
±15
-
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 158/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com