Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 163 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 163 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 159Page - STMicroelectronics STM32U375VG Datasheet HTML 160Page - STMicroelectronics STM32U375VG Datasheet HTML 161Page - STMicroelectronics STM32U375VG Datasheet HTML 162Page - STMicroelectronics STM32U375VG Datasheet HTML 163Page - STMicroelectronics STM32U375VG Datasheet HTML 164Page - STMicroelectronics STM32U375VG Datasheet HTML 165Page - STMicroelectronics STM32U375VG Datasheet HTML 166Page - STMicroelectronics STM32U375VG Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 222 page
background image
Table 108. TIMx characteristics
Symbol
Parameter
Conditions
Min
Max
Unit(1)
tres(TIM)
Timer resolution time
-
1
-
tTIMxCLK
fTIMxCLK = 96 MHz
10.4
-
ns
fEXT
Timer external clock frequency on CH1 to CH4
-
0
fTIMxCLK/2
MHz
fTIMxCLK = 96 MHz
0
48
ResTIM
Timer resolution
TIMx (except TIM2/TIM3/TIM4)
-
16
bit
TIM2/TIM3/TIM4
-
32
tCOUNTER
16-bit counter clock period
-
1
65536
tTIMxCLK
fTIMxCLK = 96 MHz
0.010
682.7
µs
tMAX_COUNT Maximum possible count with 32
‑bit counter
-
-
65536 × 65536
tTIMxCLK
fTIMxCLK = 96 MHz
-
44.739
s
1. TIMx, is used as a general term in which x stands for 1, 2, 3, 4, 6, 7, 15, 16, 17.
Table 109. IWDG min/max timeout period at 32 kHz (LSI)
Note:
For the values in this table, the exact timings still depend on the phasing of the APB interface clock versus the LSI clock, so that there is
always a full RC period of uncertainty.
Prescaler divider
PR[2:0] bits
Min timeout RL[11:0] = 0x000
Max timeout RL[11:0] = 0xFFF
Unit
/4
0
0.125
512
ms
/8
1
0.250
1024
/16
2
0.500
2048
/32
3
1.0
4096
/64
4
2.0
8192
/128
5
4.0
16384
/256
6 or 7
8.0
32768
Table 110. WWDG min/max timeout value at 96 MHz (PCLK)
Prescaler
WDGTB
Min timeout values
Max timeout value
Unit
1
0
0.0427
2.731
ms
2
1
0.0853
5.461
4
2
0.1707
10.923
8
3
0.3413
21.845
16
4
0.6827
43.691
32
5
1.3653
87.381
64
6
2.7307
174.763
128
7
5.4613
349.525
5.3.28
OCTOSPI characteristics
Unless otherwise specified, the parameters given in Table 111, Table 112, and Table 113 are derived from tests
performed under the ambient temperature, fAHB frequency and VDD supply voltage conditions summarized in
Table 27, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Delay block enabled for DTR (with DQS)/HyperBus
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 163/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com