Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 161Page - STMicroelectronics STM32U375VG Datasheet HTML 162Page - STMicroelectronics STM32U375VG Datasheet HTML 163Page - STMicroelectronics STM32U375VG Datasheet HTML 164Page - STMicroelectronics STM32U375VG Datasheet HTML 165Page - STMicroelectronics STM32U375VG Datasheet HTML 166Page - STMicroelectronics STM32U375VG Datasheet HTML 167Page - STMicroelectronics STM32U375VG Datasheet HTML 168Page - STMicroelectronics STM32U375VG Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 222 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tww(CLKH)
OCTOSPI clock high and low
time (odd division)
PRESCALER[7:0] = n (n = 2, 4, 6,..254)
(n/2) × t(CLK)/
(n+1) - 0.5
ns
-
(n/2) × t(CLK)/
(n+1) + 0.5
tw(CLKL)
((n/2)+1) ×
t(CLK)/(n+1) -
0.5
-
((n/2)+1) ×
t(CLK)/(n+1) +
0.5
tsr(IN)
tsf(IN)
Data input setup time
Voltage range 1
3
-
-
Voltage range 2
5
-
-
thr(IN)
thf(IN)
Data input hold time
Voltage range 1
3.5
-
-
Voltage range 2
4
-
-
tvr(OUT)
tvf(OUT)
Data output valid time,
DHQC = 0
Voltage range 1
-
8.5
13
Voltage range 2
-
12.5
21.5
Data output valid time,
DHQC = 1
Voltage range 1
All prescaler values (except 0)
-
t(CLK)/4 +
1.5
t(CLK)/4 + 3.5
thr(OUT)
thf(OUT)
Data output hold time,
DHQC = 0
Voltage range 1
5.5
-
-
Voltage range 2
10
-
-
Data output hold time,
DHQC = 1
Voltage range 1
All prescaler values (except 0)
t(CLK)/4 - 1
-
-
1. Activating DHQC is mandatory to reach this frequency.
Table 113. OCTOSPI characteristics in DTR mode (with DQS)/HyperBus
Delay block bypassed.
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f(CLK)
OCTOSPI clock frequency
1.71 V < VDDIOX < 3.6 V Voltage range
1
CL = 15 pF
-
-
48(1)(2)
MHz
1.7 V < VDDIOX < 3.6 V Voltage range 2
CL = 15 pF
-
-
24(1)(2)
1.08 V ≤ VDDIO2 ≤ 1.32 V
CL = 15 pF
-
-
15(1)(2)
tw(CLKH)
OCTOSPI clock high and low
time (even division)
PRESCALER[7:0] = n
(n = 0, 1, 3, 5,..255)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
ns
tw(CLKL)
tw(CLKH)
OCTOSPI clock high and low
time (odd division)
PRESCALER[7:0] = n (n = 2, 4, 6,..254)
(n/2) × t(CLK)/
(n+1) - 0.5
-
(n/2) × t(CLK)/
(n+1) + 0.5
tww(CLKL)
((n/2)+1) ×
t(CLK)/(n+1) -
0.5
-
((n/2)+1) ×
t(CLK)/(n+1) +
0.5
tv(CLKL)
Clock valid time
-
-
-
t(CLK) + 2
thv(CLK)
Clock hold time
-
t(CLK)/2 - 1
-
-
VODr(CLK)(3)
CLK, NCLK crossing level on
CLK rising edge
VDDIOX = 1.8 V
1230
-
1450
mV
VODf(CLK)(3)
CLK, NCLK crossing level on
CLK falling edge
VDDIOX = 1.8 V
819
-
900
tw(CS)
Chip select high time
-
3 × t(CLK)
-
-
ns
tv(DQ)
Data input valid time
-
0
-
-
tv(DS)
Data strobe input valid time
-
0
-
-
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 165/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com