Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 182 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 182 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 178Page - STMicroelectronics STM32U375VG Datasheet HTML 179Page - STMicroelectronics STM32U375VG Datasheet HTML 180Page - STMicroelectronics STM32U375VG Datasheet HTML 181Page - STMicroelectronics STM32U375VG Datasheet HTML 182Page - STMicroelectronics STM32U375VG Datasheet HTML 183Page - STMicroelectronics STM32U375VG Datasheet HTML 184Page - STMicroelectronics STM32U375VG Datasheet HTML 185Page - STMicroelectronics STM32U375VG Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 222 page
background image
6.2
UFQFPN32 package information (A0B8)
This UFQFPN is a 32 pins, 5 x 5 mm, 0.5 mm pitch ultra thin fine pitch quad flat package.
Figure 67. UFQFPN32 - Outline
D2
e
E2
L
e
BOTTOM VIEW
PIN 1 identifier
Chamfer or
Circular arc shape
EXPOSED PAD
FRONT VIEW
C
SEATING PLANE
SEATING PLANE
C
ddd
DETAIL A
DETAIL A
PIN 1 IDENTIFIER
LASER MARKING AREA
E
D
TOP VIEW
fff
C A B
fff
C A B
b
bbb
C A B
ddd
C
R0.20
eee C
A1
A3
A
ccc C
A1
A3
C
B
A
1. Drawing is not to scale.
2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and
solder this backside pad to PCB ground.
STM32U375xx
Package information
DS14861 - Rev 2
page 182/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com