Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 183 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 183 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 179Page - STMicroelectronics STM32U375VG Datasheet HTML 180Page - STMicroelectronics STM32U375VG Datasheet HTML 181Page - STMicroelectronics STM32U375VG Datasheet HTML 182Page - STMicroelectronics STM32U375VG Datasheet HTML 183Page - STMicroelectronics STM32U375VG Datasheet HTML 184Page - STMicroelectronics STM32U375VG Datasheet HTML 185Page - STMicroelectronics STM32U375VG Datasheet HTML 186Page - STMicroelectronics STM32U375VG Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 222 page
background image
Table 126. UFQFPN32 - Mechanical data
Symbol
millimeters(1)
inches(2)
Min
Typ
Max
Min
Typ
Max
A(3)(4)
0.50
0.55
0.60
0.0197
0.0217
0.0236
A1(5)
0.00
-
0.05
0.000
-
0.0020
A3(6)
-
0.15
-
-
0.0060
-
b(7)
0.18
0.25
0.30
0.0071
0.010
0.0118
D(8)(9)
5.00 BSC
0.1969 BSC
D2
3.50
3.60
3.70
0.139
0.143
0.147
E(8)(9)
5.00 BSC
0.1969 BSC
E2
3.50
3.60
3.70
0.139
0.143
0.147
e(9)
-
0.50
-
-
0.02
-
N(10)
32
K
0.15
-
-
0.006
-
-
L
0.30
-
0.50
0.0119
-
0.0199
R
0.09
-
-
0.004
-
-
1. All dimensions are in millimetres. Dimensioning and tolerancing schemes are conform to ASME Y14.5M-2018 except
European .
2. Values in inches are converted from mm and rounded to 4 decimal digits.
3. UFQFPN stands for Ultra thin Fine pitch Quad Flat Package No lead: A ≤ 0.60mm / Fine pitch e ≤ 1.00mm.
4. The profile height, A, is the distance from the seating plane to the highest point on the package. It is measured
perpendicular to the seating plane.
5. A1 is the vertical distance from the bottom surface of the plastic body to the nearest metallized package feature.
6. A3 is the distance from the seating plane to the upper surface of the terminals.
7. Dimension b applies to metallized terminal. If the terminal has the optional radius on the other end of the terminal, the
dimension b must not be measured in that radius area.
8. Dimensions D and E do not include mold protrusion, not to exceed 0,15mm.
9. BSC stands for BASIC dimensions. It corresponds to the nominal value and has no tolerance. For tolerances refer to
Table 127
10. N represents the total number of terminals.
Table 127. Tolerance of form and position
Symbol(1)
Tolerance of form and position(2)
In millimeters
Tolerance of form and position(3)
In inches
aaa
0.15
0.006
bbb
0.10
0.004
ccc
0.10
0.004
ddd
0.05
0.002
eee
0.10
0.004
fff
0.10
0.004
1. For the tolerance of form and position definitions see Table 128.
2. All dimensions are in millimetres. Dimensioning and tolerancing schemes are conform to ASME Y14.5M-2018 except
European .
3. Values in inches are converted from mm and rounded to 4 decimal digits.
STM32U375xx
Package information
DS14861 - Rev 2
page 183/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com