Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 188 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 188 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 184Page - STMicroelectronics STM32U375VG Datasheet HTML 185Page - STMicroelectronics STM32U375VG Datasheet HTML 186Page - STMicroelectronics STM32U375VG Datasheet HTML 187Page - STMicroelectronics STM32U375VG Datasheet HTML 188Page - STMicroelectronics STM32U375VG Datasheet HTML 189Page - STMicroelectronics STM32U375VG Datasheet HTML 190Page - STMicroelectronics STM32U375VG Datasheet HTML 191Page - STMicroelectronics STM32U375VG Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 222 page
background image
6.4
UFQFPN48 package information (A0B9)
This UFQFPN is a 48-lead, 7 x 7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat package.
Figure 71. UFQFPN48 - Outline
D2
E2
Terminal 1 idenfier
BOTTOM VIEW
A
C
FRONT VIEW
SEATING PLANE
C
eee
A3
Terminal 1
Index area
E
B
A
C
fff
M
B
A
C
fff
M
e
(see FIG.2)
C
e
B
A
C
fff
M
ddd
M C
K
C
ccc
D
B
A
10
A
A
(see FIG.2)
C
aaa
x4
TOP VIEW
15
14
2 x R
DETAIL C
C
A1
Seating
plane
9
SECTION A-A
1. Drawing is not to scale.
2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
3. There is an exposed die pad on the under side of the UFQFPN48 package. It is recommended to connect and
solder this back-side pad to PCB ground.
STM32U375xx
Package information
DS14861 - Rev 2
page 188/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com