Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 185Page - STMicroelectronics STM32U375VG Datasheet HTML 186Page - STMicroelectronics STM32U375VG Datasheet HTML 187Page - STMicroelectronics STM32U375VG Datasheet HTML 188Page - STMicroelectronics STM32U375VG Datasheet HTML 189Page - STMicroelectronics STM32U375VG Datasheet HTML 190Page - STMicroelectronics STM32U375VG Datasheet HTML 191Page - STMicroelectronics STM32U375VG Datasheet HTML 192Page - STMicroelectronics STM32U375VG Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 222 page
background image
Table 130. UFQFPN48 - Mechanical data
Symbol
Millimeters
Inches (1)
Min
Typ
Max
Min
Typ
Max
A
0.50
0.55
0.60
0.0197
0.0217
0.0236
A1
0.00
-
0.05
0.0000
-
0.0020
b
0.18
0.25
0.30
0.0071
0.0098
0.0118
D(2)
7.00 BSC
0.2756 BSC
D2(3)
5.50
5.60
5.70
0.2165
0.2205
0.2244
E(2)
7.00 BSC
0.2756 BSC
E2(3)
5.50
5.60
5.70
0.2165
0.2205
0.2244
e
0.50 BSC
0.0197 BSC
N
48
L
0.30
-
0.50
0.0118
-
0.0197
R
0.10
-
-
0.0039
-
-
aaa
0.15
0.0059
bbb
0.10
0.0039
ccc
0.10
0.0039
ddd
0.05
0.0020
eee
0.08
0.0031
fff
0.10
0.0039
1. Values in inches are converted from mm and rounded to four decimal digits.
2. Dimensions D and E do not include mold protrusion, not exceed 0.15 mm.
3. Dimensions D2 and E2 are not in accordance with JEDEC.
Figure 72. UFQFPN48 - Footprint example
7.30
7.30
0.20
0.30
0.55
0.50
5.80
6.20
6.20
5.60
5.60
5.80
0.75
48
1
12
13
24
25
36
37
1. Dimensions are expressed in millimeters.
STM32U375xx
Package information
DS14861 - Rev 2
page 189/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com