Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SC14WAMDECTSF
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF Datasheet HTML 27Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 28Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 29Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 30Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 31Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 32Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 33Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 34Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
31 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
10.0 Package information
10.1 SOLDERING PROFILE
The SC14WAMDECT SF should be soldered using a
lead-free reflow soldering profile as shown below.
Adjustments to the profile may be necessary depend-
ing on process requirements.
Recommended solder paste for lead-free soldering:
Sn 96.5 % - Ag 3.0 % - Cu 0.5 %.
10.2 MOISTURE SENSITIVITY LEVEL (MSL)
The MSL is an indicator for the maximum allowable
time period (floor life time) in which a moisture sensi-
tive plastic device, once removed from the dry bag, can
be exposed to an environment with a maximum tem-
perature of 30 °C and a maximum relative humidity of
60 % RH. before the solder reflow process.
The SC14WAMDECT SF is qualified to MSL 3.
Figure 17: Reflow profile (lead-free)
Time
217 °C
25 °C
Slope: 1~2 °C/s max.
(217 °C to peak)
Ramp down rate:
max. 3 °C/s
Peak temperature:
250 °C +5/-0 °C
245 °C
Temperature
>30 s
60 ~ 150 s
60 ~ 120 s
Preheat:
150 ~ 200 °C
MSL Level
Floor Life Time
MSL 4
72 hours
MSL 3
168 hours
MSL 2A
4 weeks
MSL 2
1 year
MSL 1
Unlimited at 30 °C/85 % RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com