Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SC14WAMDECTSF
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF Datasheet HTML 24Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 25Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 26Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 27Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 28Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 29Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 30Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 31Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
28 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
Figure 16 Example application diagram: Tour Guide mode
PON_PP
Place Close to Module
PP = VOL_UP
FP = ACC_IN
PON_FP
PP = VOL_DN
Battery Supply
2.1 - 3.45VDC
Audio - IN
Audio - OUT
FP = MUTE
Only mounted in PP mode
Only mounted in FP mode
Only mounted in PP mode
Only mounted in FP mode
Only mounted in FP mode
Only mounted in PP mode
RF Power setting
SW8-A SW8-B Region
OFF
OFF
EU
OFF
ON
JP
ON
ON
US
Access code setting
+1V8 = PP
GND = FP
Control / Debug interface
JTAG
UTX
URX
GND
VDDIO
OFF = High RF power
ON = Low RF power
1
2
3
4
5
J9
5 pole male
C3
100uF/10V
TP41
TP44
TP45
TP46
TP42
C14
10p
C26
220n
R59
100R
R61
100R
L3
2500R
C27
10p
C28
10p
R62
2K2
TP3
C6
100n
C2
1u0
12
F3
TP1
TP8
TP9
TP10
C1
N.M.
C42
N.M.
R17
N.M.
C43
10p
C44
N.M.
L1
2500R
C46
470p
C146
10p
1
2
3
J8
3.5mm Jack
R5
0R0
TP16
GP1
TP18
TP19
1
3
2
4
5
SW4
TP23
TP24
1
3
2
4
5
SW2
1
2
3
J2
3 pin header
R19
1K0
TP25
TP26
J3
2 pole male
R20
100R
E
B
C
T4
DTC143X
1
2
3
J4
3 pin header
1
3
2
4
5
SW3
TP22
1
3
2
4
5
SW5
TP14
1
3
2
4
5
SW1
1
2
D1
Red
1
2
D3
Green
C10
220uF/10V
1
2
J6
2 pole male
1
2
3
J7
3.5mm Jack
TP20
TP21
TP28
TP29
TP31
TP32
TP33
R7
100R
R3
1K5
1
J14
SMA connector
PP/FP
1
GND
2
P0
3
RFP0
4
P0N
5
RFP0N
6
GND
7
VREFP
8
MICP
11
VREFM
12
LSRP
14
GND
16
ACC_IN
17
SOCP
18
SOCN
19
GND
20
GND
23
CHG_DET/PON
25
NC
26
CP_VOUT1
28
GND
29
PON
30
GND
31
GND
32
ACC_OUT
34
FP_PP
35
VOL_DN
36
VOL_UP/MUTE
38
GND
40
REGION1
41
REGION2
43
RF_POWER
45
GND
47
UART_RX
48
UART_TX
49
GND
50
GND
51
GND
52
RSTN
53
JTAG
58
LED_RED1
59
LED_GRN
60
GND
61
VDDOUT
62
VBATSW
63
VBATIN
64
VBATIN
70
GND
71
GND
72
GND
73
RF1
74
GND
75
RF0
76
GND
77
GND
78
GND
79
TP1
80
GND
33
MAS_SLV
39
NC
42
LED_RED2
27
NC
37
NC
24
NC
55
NC
54
NC
22
CHARGE_CTRL
56
NC
13
LSRN
15
ACCESS_1
21
NC
66
ACCESS_5
57
NC
10
NC
68
ACCESS_3
65
ACCESS_0
67
ACCESS_4
69
ACCESS_2
9
NC
IC2
SC14WAMDECT
18
SW8-A
27
SW8-B
36
SW8-C
45
SW8-D
18
SW9-A
27
SW9-B
36
SW9-C
45
SW9-D
18
SW6-A
R4
N.M.
R6
0R0
A1
Antenna
+VBAT
PON_PP
+1V8
+VBAT_SW
AGND
AGND
PON_PP
+VBAT_SW
+1V8
PON_FP
+3V0_BAT
AGND
+1V8
PON_FP
JTAG
+1V8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com