| Electronic Components Datasheet Search |
|
SC14WAMDECTSF Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SC14WAMDECTSF Datasheet(HTML) 11 Page - Renesas Technology Corp |
|
11 / 37 page ![]() Datasheet Revision 3.1 05-Jan-2022 CFR0011-120-00-FM Rev 5 11 of 36 © 2022 Renesas Electronics SC14WAMDECT SF Wireless Audio Module FINAL 4.0 Functional description 4.1 AUDIO CONFIGURATION The SC14WAMDECT SF module supports a dedicated audio channel. The gains can be adjusted to meet the audio level requirements by using the SC14WAMDECT SF application reference design. For other acoustic designs it is needed to adjust and tune the audio setup. 4.1.1 Microphone connection The SC14WAMDECT SF module only supports single- ended connection of a microphone. 4.1.2 Audio equalisation To enable adjustments of the frequency response the SC14WAMDECT SF contains two programmable filters in the TX direction (see Figure 4). 4.2 POWER MANAGEMENT To minimise the current consumption the SC14WAMDECT SF module will shut down all codec amplifiers in Idle state. This means that all reference voltages in the front-end will be disabled. 4.3 OUT-OF-RANGE HANDLING When the PP goes in-range or out-of-range a signal is sent from the PP to the MMI software indicating whether the PP is in-lock or is out-of-lock with the FP. This is used to indicate the link status via pins LED_RED1 and LED_RED2 on the FP. 4.4 PREAMBLE ANTENNA DIVERSITY To optimise the audio quality during rapidly changing radio paths (fading), the SC14WAMDECT SF supports preamble antenna diversity. The preamble diversity algorithm uses RSSI measurements to judge the radio signal strength on both antennas and determine the best performing antenna. This antenna will be used for the receive slot and for the next transmit slot. The software embedded in the SC14WAMDECT SF supports antenna diversity for both FP and PP with at least one external antenna. Refer to section 5.6 and [1] for more detailed information. Figure 4: MIC audio routing CELT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |