Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # SC14WAMDECTSF
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF Datasheet HTML 21Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 22Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 23Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 24Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 25Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 26Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 27Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 28Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
25 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
7.0 Design guidelines
7.1 PCB DESIGN GUIDELINES
• Because of the presence of the digital radio fre-
quency bursts with 100 Hz time division periods
(TDD noise), supply ripple and RF radiation, special
attention is needed for the power supply and ground
PCB layout.
• Power supply considerations
Both high and low frequency bypassing of the supply
line connections should be provided and placed as
close as possible to the SC14WAMDECT SF. In
order to get the best overall performance for both FP
and PP applications, a number of considerations for
the PCB has to be taken into account.
• Make angle breaks on long supply lines to avoid
resonances at DECT frequencies. Maximum
80 mm before an angle break is recommended.
• Supply lines should be placed as far as possible
away from sensitive audio circuits. If it is neces-
sary to cross supply lines and audio lines, it
should be done with right angles between supply
and audio lines/circuits (microphone, ear-speaker,
speakerphone, etc.)
• Ground plane considerations
In order to achieve the best audio performance
and to avoid the influence of power supply noise,
RF radiation, TDD noise and other noise sources,
it is important that the audio circuits on both FP
and PP applications boards are connected to the
VREFm pin on the SC14WAMDECT SF with sep-
arate nets in the layout.
It is advised to provide the following audio circuits
with separate ground nets connected to the
VREFm pin:
• Microphone(s)
• Headset microphone and speaker
• Speakerphone (signal grounds)
Depending on the layout it may also be necessary to
bypass a number of the audio signals listed above to
avoid humming, noise from RF radiation and TDD
noise. It is also important to choose a microphone of
appropriate quality with a high RF immunity (with built-
in capacitor).
• ESD performance
Besides TDD noise, the ESD performance is impor-
tant for the end application. In order to achieve a
high ESD performance, supply lines should be
placed with a large distance from charging terminals,
display, headset connector and other electrical ter-
minals with direct contact to the ESD source.
On a two-layer PCB application it is important to
keep a simulated one layer ground. With a stable
ground the ESD and TDD noise performance will
always improve.
• Clearance around test patterns
Pins 81 to 88 are used for production test purposes.
In order to avoid any interference or disturbance the
area around these signal pins must be kept clear of
any signal and/or GND. The recommended clear-
ance is at least 1 mm, as shown in Figure 13.
7.2 MODULE PLACEMENT ON THE MAIN BOARD
In order to ensure FCC compliance, proper coverage
and to avoid detuning of the antennas, it is required to
place the module on the main board free from other
surrounding materials.
Keep a distance of at least 10 mm from the antenna
elements to conducting objects and at least 5 mm to
non-conducting objects.
Keep in mind that electrically shielding objects, even
partly surrounding the antennas, will normally cause a
significant degradation of the coverage.
Place the module at the edge of the main-board as
shown in Figure 14.
When the module has to be placed away from the edge
of the main board, avoid any conducting areas in front
of the antennas and make a cut-out in the main board
underneath the antennas as shown in the figure.
See Figure 18 and Figure 21 for the detailed package
outline.
Figure 13: Clearance around test patterns
Test
pattern
0.9 mm
1.0 mm
GND Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com