Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # SC14WAMDECTSF
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF Datasheet HTML 2Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 3Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 4Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 5Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 6Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 7Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 8Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 9Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
6 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
Note 2: GND: internally connected to the module ground plane. Every GND pin should be connected to the main PCB.ground plane.
NC: not connected.
TP: test point.
Note 3: All digital inputs have Schmitt trigger inputs. After reset all I/Os are set to input and all pull-up or pull-down resistors are enabled unless oth-
erwise specified.
PU = Pull-up resistor enabled, PD = Pull-down resistor enabled, I = input,
O = output, Hi-Z = high impedance, 1 = logic HIGH level, 0 = logic LOW level
Refer also to Px_DIR_REGs for INPUT/OUTPUT and Pull-up/Pull-down configurations
59
LED_GRN
O
8
I
Green LED output. See section 5.0.
60
GND
-
-
-
Ground
61
VDDOUT
-
-
-
Supply voltage output for LED_RED2 (typ. 1.8 V). Internally con-
nected to JTAG (pin 53) via a 1 k
 pull-up resistor.
62
VBATSW
O
8
I-PU
Supply voltage output for LED_RED1, LED_GRN (< 3.45 V).
63
VBATIN
I
-
-
Main supply voltage < 3.45 V.
64
VBATIN
I
-
-
Main supply voltage < 3.45 V.
65
ACCESS_0
I
-
I
TG mode: Access code bit 0 (LSB).
PA mode: Must be unconnected.
66
ACCESS_5
I
-
I
TG mode: Access code bit 5 (MSB).
PA mode: Must be unconnected.
67
ACCESS_4
I
-
I
TG mode: Access code bit 4.
PA mode: Must be unconnected.
68
ACCESS_3
I
-
I
TG mode: Access code bit 3.
PA mode: Must be unconnected.
69
ACCESS_2
I
-
I
TG mode: Access code bit 2.
PA mode: Must be unconnected.
70
GND
-
-
-
Ground
71
GND
-
-
-
Ground
72
GND
-
-
-
Ground
73
RF1
-
-
-
RF signal for external antenna. See section 5.6
74
GND
-
-
-
Ground
75
RF0
-
-
-
RF signal for external antenna. See section 5.6
76
GND
-
-
-
Ground
77
GND
-
-
-
Ground
78
GND
-
-
-
Ground
79
TP1
-
-
-
Tuning point for internal antenna. Follow instructions of section 7.3.
80
GND
-
-
-
Ground
81:88 TP2 to TP9
NC
Must be unconnected. See section 7.1 and Figure 13.
Table 2: Pin description (Continued)
Pin
Module
Pin name
(Note 2)
In/
Out
Iout
Drive
(mA)
Reset
State
(Note 3)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com