Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # SC14WAMDECTSF
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF Datasheet HTML 15Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 16Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 17Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 18Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 19Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 20Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 21Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 22Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
19 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
6.6 ANALOG FRONT END
Note 12: BANDGAP_REG will be tuned at the factory.
Note 13: 0 dBm0 on COUT = -3.14 dB of max PCM value. COUT is CODEC output in test mode
Note 14: Trimming possibility is foreseen. At system production the bandgap reference voltage can be controlled within 2% accuracy and data can be
stored in Flash. Either AVD or VREF can be trimmed within 2% accuracy. If AVD is trimmed VREF will be within 2% accuracy related to
either AVD. Or vice versa VREF can be trimmed. For Vref trimming measure
VREFp, VREFm) and update BANDGAP_REG[3:0].
Note 15: Vrefm is a clean ground input and is the 0 V reference.
Table 16: Microphone amplifier
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vmic_0dB_unt
Untrimmed differen-
tial RMS input volt-
age between MICp
and MICn (0 dBm0
reference level)
(Note 6)
0 dBm0 on COUT
(Note 13)
MIC_GAIN[3:0] = 0,
@ 1020 Hz;
Tolerance:
• 13% when untrimmed
(BANDGAP_REG=8)
(Note 12)
• 6% when trimmed
(Note 14)
114
131
149
mV
Rin_mic
Resistance of acti-
vated microphone
amplifier inputs
(MICp, MICn and
MICh) to internal GND
(Note 6)
75
150
k
Vmic_offset
Input referred DC-off-
set (Note 6)
MIC_GAIN[3..0] = 1111
3 sigma deviation limits
-2.6
+2.6
mV
Table 17: Microphone amplifier (Operating Condition)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vmic_cm_level
MICp and MICn com-
mon mode voltage
MICp and MICn are set to
GND with internal resistors
(Rin_mic). If DC coupled
the input voltage must be
equal to this voltage.
(0.9 V/
1.5)*
VREFp
V
Table 18: Microphone supply voltages
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vref_unt
VREFp-VREFm
untrimmed
(Note 15)
ILOAD = 0 mA
BANDGAP_REG = 8
(Note 14)
1.41
1.5
1.59
V
Rout_vrefp
VREFp output
resistance
Figure 8
1
Nvrefp_idle
Peak noise on
VREFp-VREFm
(Note 6)
CCITT weighted
-120
dBV
PSRRvrefp
Power supply rejec-
tion Vref output
(Note 6)
See Figure 8, AVD to
VREFp/m, f = 100 Hz to 4 kHz
BANDGAP_REG[5:4] = 3
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com