Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SC14WAMDECTSF
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF Datasheet HTML 6Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 7Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 8Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 9Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 10Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 11Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 12Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 13Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
10 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
3.4 FUNCTIONAL OVERVIEW
Note 4: Latency for 2 microphones depends on the assigned slot.
Note 5: For Tour Guide System the 'normal delay' applies as defined in the DECT specification.
Table 5: Overview of supported functions
Functionality
Remark
Connection handling
PP to FP
PA mode: 1 or 2 microphones (PP) transmit to one loudspeaker (FP).
FP to PP
TG mode: 1 microphone (FP) broadcasts to max. 128 loudspeakers (PP).
Protocol
Registration
Manual.
TG mode: optionally protected by 6-bit access code.
Number of PPs per FP
PA mode: 1 or 2
TG mode: 1 to 128
Link establishment time
2 s (typ.)
Registration time-out
FP: 600 s (TG mode)
PP: 120 s (TG mode)
Factory registration
Wire registration is supported. See [2].
Audio and tone
Microphone mute
Mute of MIC in all audio connections is possible.
Latency
PA mode: 1 MIC: 14.2 ms, 2 MICs: 14.2 ms or 15.8 ms (Note 4).
TG mode: 18.3 ms (Note 5).
General
Battery handling
Charging is not supported, requires external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com