Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # SC14WAMDECTSF
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF Datasheet HTML 11Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 12Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 13Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 14Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 15Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 16Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 17Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 18Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
15 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
5.2.5 Accessory input/output
The accessory input (pin ACC_IN) for the microphone
(FP) and the accessory output (pin ACC_OUT) for the
loudspeaker (PP) are supported as shown in Table 8.
5.2.6 API (Tour Guide mode only)
The SC14WAMDECT SF software has a simple API to
control the module from an external host processor.
The API supports the following basic functions for Tour
Guide mode operation:
• Registration on/off
• Set/get access code
• Mute/unmute audio
• Get status (Registration mode/Audio/Mute/Low bat-
tery)
• Data transfer up to 1 kbit/s from FP to PP
5.3 REGISTRATION
The procedure for FP-to-PP pairing is the same for
Public Address mode and Tour Guide mode:
1. Turn off PP and turn on FP.
2. Set 6-bit access code via pins ACCESS_0 to
ACCESS_5. Do not change during registration.
3. FP: Press and hold PON button (pin 23) for 2 s,
until the red LED1 starts flashing.
4. PP: Press and hold PON button (pin 29) for 2 s,
until red LED1 starts flashing.
5. When flashing stops and the red LEDs are con-
tinuously on, registration has succeeded.
5.4 DEREGISTRATION
The procedure for FP-to-PP unpairing is the same for
Public Address mode and Tour Guide mode:
1. Turn off FP.
2. FP: Press and hold PON button (pin 23) for 10 s.
3. The red LED1 will flash 3 times (0.5 s interval)
and all registrations will be cleared.
5.5 BATTERY LOW DETECTION
The SC14WAMDECT SF includes a battery low detec-
tion circuit. A battery low condition is indicated by a
flashing green LED.
• Battery low voltage: 2.3 V (default)
5.6 ANTENNA OPERATION
Figure
6
shows
the
internal
circuit
of
the
SC14WAMDECT SF.
Pin RF0 is used for two external antennas and can also
be used for RF test purposes. Therefore it is recom-
mended to add a reserve pattern for a 10 pF capacitor,
even when the two external antennas are not used.
Re-certification of the SC14WAMDECT SF is required
when at least one external antenna is added. On
request, Dialog Semiconductor can provide a pre-certi-
fied PCB layout for an external antenna circuit.
Pin RF1 is recommended for connecting an RF cable
to perform conducted tests for type approval.
5.6.1 Internal antenna only
When only the internal antenna is used, the FAD func-
tion is disabled. In this case pins RFP0, RFP0n, P0
and P0n must be left unconnected.
5.6.2 Internal and external antenna with FAD
Figure 7 shows one external antenna connected to pin
RF1 of the SC14WAMDECT SF. This configuration
supports the FAD function. In this case pins RFP0,
RFP0n, P0 and P0n must be left unconnected. See [1]
for more detailed information.
Table 8: Accessory I/O function table (TG mode)
ACC_IN (FP)
ACC_OUT (PP)
LH
HL
Figure 6: Internal circuit of the SC14WAMDECT SF
Figure 7: One external antenna
RF1
TP1
RF0
P0n
P0
TX
RX
RFP0n
RFP0
External
Antenna
RF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com