Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # SC14WAMDECTSF
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF Datasheet HTML 12Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 13Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 14Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 15Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 16Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 17Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 18Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 19Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
16 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
6.0 Specifications
All MIN/MAX specification limits are guaranteed by design, or production test, or statistical methods unless note 6 is
added to the parameter description. Typical values are informative.
Note 6: This parameter will not be tested in production. The MIN/MAX values are guaranteed by design and verified by characterisation.
6.1 GENERAL
Note 7: The resulting range is very dependent on the mechanical design. Dialog Semiconductor is not responsible for this design and as such
Dialog Semiconductor is not responsible for the resulting performance range of the final product.
6.2 ABSOLUTE MAXIMUM RATINGS
Note 8: Absolute maximum ratings are those values that may be applied for maximum 50 h. Beyond these values, damage to the device may occur.
Table 9: SC14WAMDECT SF module
ITEM
CONDITIONS
VALUE
UNIT
Dimensions
l x w x h
18.0 x 19.6 x 2.7
mm
Weight
1.5
g
Temperature range
-40 to +85
°C
Frequency range
According to DECT standard
1870 to 1930
MHz
Antenna range
According to DECT standard; (Note 7)
- typical outdoor
350
m
- typical indoor
75
m
Standards compliancy
ETS 300 444 (DECT GAP), former TBR2214
FCC part 15
Power supply
2 cells (NiMH / Alkaline)
2.10 to 3.45
V
Maximum PCB warpage
For entire reflow range
0.1
mm
Table 10: Absolute Maximum Ratings (Note 8)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
MAX
UNIT
Vbat_max
Max voltage on pin VBATIN
3.45
V
Vpon_max
Max voltage on pin PON
5.5
V
Vled_max
Max voltage on pin Grn LED, Red LED1
3.6
V
Vdig_bp_max
Max voltage on digital pins with back drive
protection; UART_RX
3.6
V
Vdig_max
Max voltage on other digital pins
2.0
V
Vana_max
Max voltage on analog pins
2.2
V
Vesd_hbm
ESD voltage according to human body
model; all pins
2000
V
Vesd_mm
ESD voltage according to machine model;
all pins
150
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com