Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SC14WAMDECTSF
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF Datasheet HTML 4Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 5Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 6Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 7Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 8Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 9Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 10Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 11Page - Renesas Technology Corp SC14WAMDECTSF Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
8 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
3.0 Wireless Audio Module functions
This section describes the key functions and features
supported by the SC14WAMDECT SF module.
3.1 DECT
The SC14WAMDECT SF is based on the ETSI DECT
specifications for digital cordless telephone systems.
The system diagram on page 1 shows that this module
has two configurations: microphone (MIC) and loud-
speaker (SPEAKER).
One internal antenna is embedded and an external
antenna is supported (see section 5.6). An external
microcontroller can be used for limited control pur-
poses via the UART interface. See section 4.7.
3.2 MICROPHONE CONFIGURATION
For a microphone configuration the SC14WAMDECT
SF module requires the external parts listed in Table 3.
Figure 2 shows the usage of the module with an exter-
nal microphone. This MIC configuration can be used
for the PP of a Public Address System and for the FP
of a Tour Guide System.
Table 3: Microphone configuration overview
Item
Supported
Remark
Battery
Yes
2 NiMH or standard Alkaline cells.
Note: For LiIon batteries an external LDO is required.
Microphone
Yes
Connect to pin MICp (single ended).
Keys
Yes
Connect to pins ACC_IN, PON, VOL_UP/MUTE and VOL_DN.
LEDs
Yes
Connect to pins LED_RED1 and LED_GRN.
Figure 2: MIC configuration
SC14WAMDECT SF
Keys
LEDs
Microphone
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com