Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5309ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
ADL5309
SPECIFICATIONS
analog.com
Rev. A | 3 of 25
Supply voltage (VCC) = 3.0 V, TA = 25°C, and default register settings unless otherwise noted.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT INTERFACES
Pin B1 = INP1 and Pin C1 = INP2
Input Current Range (IINP1, IINP2)
10
pA
25
mA
Input Node Voltage (VINP1, VINP2)
10 pA < IINP1 and IINP2 < 3 mA
1.6 to 1.8
V
10 pA < IINP1 and IINP2 < 25 mA
1.6 to 2.5
V
SUM Voltage
1.6
V
PHOTODIODE BIAS
Pin A2 = PDB1 and Pin D2 = PDB2
Output Voltage (VPDB1, VPDB2)
IINP1 = IINP2 = 1 nA
1.6
V
IINP1 = IINP2 = 10 mA; VCC = 5 V
4.2
V
Absolute Offset Voltage, TC = 70°C (VPDB1 − VINP1), (VPDB2 − VINP2), and IINP1 = IINP2 = 1 nA
0.4
mV
Transresistance (RT)
(VPDB1 − VINP1)/IINP1 and/or (VPDB2 − VINP2)/IINP2
231
Ω
IINP1, IINP2 Threshold (ITH)
Constant photodiode bias voltage below ITH
220
μA
LOGARITHMIC OUTPUT
Pin A5 = OUT1 and Pin D5 = OUT2
Logarithmic Slope
Over 1 nA < IINP1 and IINP2 < 1 mA range
198
200
202
mV/dec
Logarithmic Intercept
10
pA
Logarithmic Conformance Error
1 nA < IINP1 and IINP2 < 1 mA
±0.3
dB
100 pA < IINP1 and IINP2 < 10 mA
±0.6
dB
Logarithmic Conformance Error
over Temperature
1 nA < IINP1, IINP2 < 1 mA, and TA = 5°C to 70°C
±0.4
dB
100 pA < IINP1, IINP2 < 10 mA, and TA = 5°C to 70°C
±0.8
dB
Output Voltage (VOUT1, VOUT2)
IINP1 and IINP2 = 100 pA
0.403
V
IINP1 and IINP2 = 1 μA
0.999
V
IINP1 and IINP2 = 10 mA
1.808
V
Small Signal Bandwidth
IINP1 and IINP2 = 10 nA and capacitor feedback (CF) =
15 (Default register state)
75
kHz
IINP1 and IINP2 = 10 nA and CF = 0
550
kHz
Rise and Fall Times
IINP1 a IINP2 from 10 nA to 100 nA, measured at 10%
and 90% of steady state VOUT1 and VOUT2
1.6/3.8
μs
Short Circuit Output Current
IINP1 and IINP2 = 1 nA, VOUT1 and VOUT2 = 0.7 V
32
mA
IINP1 and IINP2= 10 mA, VOUT1 and VOUT2 = 1.5 V
15
mA
Channel-to-Channel Isolation
DC isolation to OUT1 for IINP2 = 25 mA and IINP1 = 1 nA
or OUT2 for IINP1 = 25 mA and IINP2 = 1 nA
2
mV
POWER SUPPLY
Pin A3 = VCC
Positive Supply Voltage
2.85
3
5.25
V
Quiescent Current
IINP1 and IINP2 = 1 μA
57
mA
Power Supply Rejection Ratio
(PSRR)
IINP1 and IINP2 = 100 pA at 60 Hz
26
dB
DATA ACQUISITION
ADC Resolution
14
Bits
LOG Output Conversion Slope
74.5
LSB/dB
Output Data Rate
22
kHz
Output Noise
IINP1, IINP2 = 1 μA
6.6
LSB rms
SERIAL BUS ADDRESS (SBA)
INTERFACE
Pin A4 = SBA
Serial Bus Address 0x6C
−0.05 VCC
+0.15 VCC
V
Serial Bus Address 0x6D
0.35 VCC
0.65 VCC
V
Serial Bus Address 0x6E
0.85 VCC
1.05 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com