Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
ADL5309
THEORY OF OPERATION
analog.com
Rev. A | 14 of 25
The ADL5309 performance and feature set is optimized for high
dynamic range and high accuracy optical power measurements.
The temperature compensated and factory trimmed logarithmic
transimpedance amplifiers enable accurate measurements over 9
decades of input current, the equivalent to 9 decades of optical
power. The amplifier output voltage can be measured with a
more relaxed dynamic range, without loss of accuracy, due to the
inherent dynamic range compression of the logarithmic transfer.
Therefore, the 14-bit built-in ADC has more than sufficient dynamic
range and resolution to provide an accurate digitized result. The
built-in adaptive photodiode bias function minimizes the impact of
nonidealities such as dark current and diode series resistance on
the measurement accuracy. The built-in I2C interface can be used
to control various internal analog functions and to read out the
ADC. A total of three possible choices for the I2C device address
allow up to three devices to communicate independently over a
single I2C bus.
LOGARITHMIC TRANSFER
The logarithmic transimpedance amplifiers (TIAs) produce an out-
put voltage that is (approximately) linearly related to the logarithm
of the input current (IPD) as follows:
VOUT=SLOPE×log10 IPDIZ
(1)
where:
SLOPE is the logarithmic slope that represents the amount by
which the output voltage (VOUT) changes for each factor of 10
(decade) change in IPD.
IZ is the (extrapolated) IPD for which the VOUT is zero.
The actual device never reaches zero but saturates to the starting
voltage of 17 mV for input currents below 10 pA. Both SLOPE and
IZ can be obtained by linear regression of the measured amplifier
output voltage vs. a range of input current levels. The ADL5309
logarithmic slope and intercept of the VOUT − 1.0 V curve are
accurately factory trimmed to 200 mV/dec and 1 μA, respectively.
The reason 1.0 V is subtracted from the VOUT curve (the ideal
value of VOUT at 1 μA) is to place the x-intercept in the geometric
middle of the specified input current range. As a result, the residual
slope differences have a minimum impact on the x-intercept, and
the equation can be written as follows:
VOUT−1.0=SLOPE×log10 IPDIZ1
(2)
Expressed in dB of input current, Equation 3 can be written as
follows:
VOUT−1.0=SLOPE× IPD, dB−IZ1, dB (3)
where:
IPD, dB is the input current in dBA.
IZ1,dB is the intercept current in dBA (−120 dBA in this case).
The measurement accuracy obtained with a logarithmic amplifier is
determined by the following two factors:
►
The logarithmic conformance error
►
The temperature drift error
The logarithmic conformance error describes the deviation of the
actual TIA transfer from the ideal log-linear relationship (see Equa-
tion 3) and is expressed in dB of input current by the following
equation:
ELC =20×VOUTT
SLOPE
+IZ1, dB−IPD, dB
(4)
where: ELC is the measurement error.
Thus, ELC shows the resulting measurement error when VOUT of a
logarithmic TIA is measured, and Equation 3 is used to determine
the input current that the device is sensing. Since SLOPE and
IZ are usually determined at room temperature only, ELC typically
also contains a contribution due to drift of the TIA transfer over
temperature.
The temperature drift error (EDRIFT) describes the measurement
error introduced solely due to the temperature drift of the TIA
transfer, excluding discrepancies of the actual TIA transfer to the
ideal log-linear relationship (logarithmic conformance).
EDRIFTT = 20SLOPE× VOUTT −VOUTTO (5)
where:
T is the operating temperature.
TO is the reference temperature.
The error, the difference between the VOUT measured at the operat-
ing temperature and the actual VOUT measured at the reference
temperature, usually 25°C, is input referred and expressed in dB (of
IPD) using SLOPE. This is accurate as long as the error is relatively
small and the TIA transfer is approximately logarithmic (linear in
dB).
OPTICAL MEASUREMENTS
A high dynamic range optical power monitor can be constructed
by connecting the anode of a reverse biased photodiode to the
input of the logarithmic TIA, such that the TIA senses the photon-
generated diode current. Therefore, it is important to understand
the transducer aspects of a photodiode to interpret the photodiode
current relative to the incident optical power. In purely electrical
circuits, the power dissipated in a resistive load is proportional to
the square of the current, or, vice versa, the current through the
load is proportional to the square root of the dissipated power:
IR= PDISS/R
(6)
where:
IR is the adaptive photodiode current.
PDISS is the dissipated power from the photodiode.
R is the resistive load from the photodiode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com