Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Data Sheet
ADL5309
APPLICATIONS INFORMATION
analog.com
Rev. A | 17 of 25
INP1 AND INP2 INTERFACES
The photocurrent input, from the anode of the photodiode, flows
into the INP pin. The maximum operating input current is 25 mA.
Figure 43. Simplified Input Interface
OUT1 AND OUT2 INTERFACES
The logarithmic VOUTchanges logarithmically with the current ap-
plied to INP. The nominal slope is 200 mV/dec in the range of
100 pA to 25 mA of the current input over the entire operating
temperature.
Figure 44. Simplified Output Interface
PDB1 AND PDB2 INTERFACES
The PDB interface pin is shown in Figure 45. The purpose of this
pin is to generate a bias voltage to be used with photodiodes.
In an optical system, the photodiode produces an output current
proportional to the optical input power. This results in an output
dynamic range that is twice (in dB) the optical input power dynamic
range and can be high. At low input power, the input current
can be small (on the order of pA). With an IIN it is necessary to
minimize the dark current leakage of the photodiode by keeping the
voltage drop across the diode as small as possible. At higher input
powers, the photodiode current can be relatively large (up to 10s of
mA). This photocurrent, impressed on the internal series resistance
of the diode, results in an increasing voltage drop for increasing
optical power.
To address the dark current issue, the ADL5309 provides a photo-
diode bias that keeps the cathode-to-anode voltage of the photo-
diode close to zero for low input current, therefore reducing any
dark currents. For higher current operation, the photodiode bias
interface tracks the input current and produces an output voltage
directly proportional to the input current,with the gain adjustable by
using the PDBG register. The RT can be disabled by asserting the
PDBG_FIX bit or setting PDBG = 0. The photodiode bias VOUT is
limited by the VCC.
Figure 45. Simplified Photodiode Bias Interface
SUM INTERFACE
A large voltage difference between nodes can cause a significant
leakage current, even if the impedance between the nodes is
relatively high. Guarding reduces the errors due to leakages. The
concept of guarding is to surround the high-impedance conductor
with another conductor (guard) driven to the same voltage potential.
If there is no voltage across the insulation resistance (between
the high-impedance conductor and guard), there can be no current
flowing through it.
Reducing errors from external sources in a current-sensing circuit
requires a different approach than the voltage sensing input of the
typical high-impedance op amp circuit. Leakage can be a significant
source of error for highly sensitive logarithmic amplifiers (log amps),
especially at the low end of amplifier's range. For example, a 1 GΩ
leakage path to the ground from the current line INP with SUM set
to the default 1.6 V generates a 1.6 nA offset.
The ADL5309 uses the SUM node as guard pins that shield the
input current lines INP. The SUM node has an internal 500 Ω
resistor connected to a 1.6 V voltage reference buffer.
Figure 46. Simplified SUM Interface
ADCREF INTERFACE
The input current measurement accuracy using the internal ADC
as illustrated in Figure 5 and Figure 8 can be improved by
applying a stable reference voltage to the ADCREF pin. This
reference voltage can be sampled by the ADC by setting registers
ADCREF_PIN_SEL (0x0A) = 0x2C, ADC_MUX_CTRL (0x04) =
0x08 and ADCREF_MUX_SEL (0x07) = 0x03. An ideal ADC value
is calculated by the following equation:
ADCREF
_value_ideal=VADCREF×16383
2.2
(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com