Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
ADL5309
APPLICATIONS INFORMATION
analog.com
Rev. A | 18 of 25
As an example, applying a 2.000 V reference voltage will result in
an ideal ADC value of 14894. By applying a correction value of AD-
CREF_value_ideal/ADCREF_value for every current measurement
and multiplying this with the measured ADC value of the input
current by setting ADC_MUX_CTRL (0x04) = 0x02 for Channel 1
and ADC_MUX_CTRL (0x04) = 0x04 for Channel 2. A scaled ADC
measurement result, as seen in Figure 6 and Figure 9, improves
accuracy.
Figure 47. ADCREF Interface
SDA, SCL, AND SBA INTERFACES
Figure 48 shows the bidirectional SDA interface. The SDA output
driver is open drain and requires an off-chip pull-up resistor at
the receiver. The pull-up resistor can be connected to a maximum
positive supply of 5.5 V. During a register write operation, the SDA
output driver is high impedance, and the SDA input receiver should
be driven by a driver capable of driving the input pin capacitance
of 0.8 pF at the 200 kHz maximum SDA frequency. A driver output
impedance less than 20 kΩ is recommended.
Figure 48. Simplified SDA Interface
Figure 49 shows the SCL interface for the serial clock input to the
I2C controller. This input is high impedance and should be driven by
a driver capable of driving the input pin capacitance of 0.8 pF at the
400 kHz maximum SCL frequency. A driver output impedance less
than 10 kΩ is recommended.
Figure 49. Simplified SCL Interface
Figure 50 shows the SBA Interface A voltage source applied to SCL
sets the I2C bus device address to one of three possible settings.
These settings include connecting the pin to VCC for a device
address of 0x6E, leaving the pin floating for a device address of
0x6D, or connecting the pin to ground for a device address of 0x6C.
A source impedance of 10 kΩ or less is recommended for this pin.
Figure 50. Simplified SBA Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com