Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
ADL5309
SERIAL PORT INTERFACE
analog.com
Rev. A | 19 of 25
PROTOCOL
The ADL5309 can be connected to an I2C bus interface as a target
device to control and monitor several internal (analog) functions. Up
to three ADL5309 devices can be connected to the same I2C bus,
each with its own unique device address. See Table 2 for detailed
timing requirements. Data is transferred one byte at a time, with the
MSB first. Each instruction consists of one address byte, followed
by one or more data bytes. The ADL5309 supports single-byte read
and write methods, as well as autoincrement read/write instructions.
ADDRESS SELECTION
The ADL5309 I2C device address can be selected from three
choices by connecting the SBA pin to either ground, the positive
supply, or by leaving the pin floating (see Table 1). The I2C address
selected through the SBA pin can also be read from Register
0x01. The selected 7-bit device address is followed by one read/
write LSB address bit. The LSB address bit equals '0' for a write
instruction and '1' for a read instruction. For example, the write
address corresponding to the I2C device Address 0x6C is obtained
by adding an LSB = 0, equivalent to a left-shift of one bit position
(multiply-by-two), resulting in 0xD8. The bus read address equals
the write address with the LSB changed from '0' to '1', which equals
0xD9.
SUPPORTED READ AND WRITE METHODS
The ADL5309 supports several I2C read and write methods:
►
Read/write a single register
►
Read/write multiple registers in a single operation through auto-
increment
►
Read/write a single shadow register using indirect addressing
Figure 51 summarizes the procedure for each method. Each trans-
action on the I2C bus is initiated by the controller and starts with
sending a start condition, a high to low transition on the SDA line
while SCK is high. Subsequently, the 8-bit device address (of the
selected target) is transmitted, one bit per SCK clock pulse. All
addresses and data are transmitted over the bus with the MSB first.
The ninth clock pulse is reserved to transmit the ACK (acknowl-
edge) signal from the target to the controller to indicate that the
address was received. To send an ACK, the target pulls the SDA
line low. A NACK (not acknowledge) results if the SDA line remains
high. Depending on the transaction, a series of byte read/write
transfers follow, each ending with an ACK or NACK bit. The trans-
action ends with a stop condition sent by the controller and a low to
high transition on the SDA line while SCK is high.
The autoincrement feature provides read/write access to multiple
consecutive registers in a single transaction. Each data byte is read
from/written to the next register, with address one higher than the
previous.
The indirect addressing methods are used to access the ADL5309
shadow registers, as explained in more detail in the Shadow Ac-
cess Registers section.
Figure 51. ADL5309 Serial Bus Read/Write Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com