Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
ADL5309
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 6 of 25
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin Number
Mnemonic
Description
A1, D1, B2, C2
SUM
Guard Pins. The SUM pins shield current lines to INP1 and INP2 and are internally connected together. Do not
ground.
B1
INP1
Channel 1 Photocurrent Input. Connected to the photodiode anode (current flows into INP1 pin).
C1
INP2
Channel 2 Photocurrent Input. Connected to the photodiode anode (current flows into INP2 pin).
A2
PDB1
Channel 1 Photodiode Bias. May be connected to the photodiode cathode to provide adaptive bias control. For
lowest photodiode cathode to anode offset at low input currents, avoid resistive loading at the PDB1 pin. Leave
floating if not used.
D2
PDB2
Channel 2 Photodiode Bias. May be connected to the photodiode cathode to provide adaptive bias control. For
lowest photodiode cathode to anode offset at low input currents, avoid resistive loading at the PDB2 pin. Leave
floating if not used.
A3
VCC
Positive Power Supply. Decoupling with 1 nF and 4.7 μF capacitors to ground is recommended at the VCC pin.
B3, C3, B4, C4
GND
Analog and Digital Ground. Connect all ground pins to a low impedance ground plane on PCB.
D3
CAP
Connect an optional 0.1 µF capacitor between the CAP pin and GND to reduce the OUT1 and/or OUT2 noise at low
input currents.
D4
ADCREF
ADC Reference. Reference voltage input for improved ADC readout accuracy. Connect to ground if not used.
A4
SBA
Serial Bus Address. The voltage applied to the SBA pin sets the I2C bus address to one of three possible settings.
Connect SBA to VCC, GND, or leave floating. Refer to Table 1.
A5
OUT1
Channel 1 Logarithmic Output. The voltage at the OUT1 pin changes logarithmically with the current applied to
INP1.
D5
OUT2
Channel 2 Logarithmic Output. The voltage at the OUT2 pin changes logarithmically with the current applied to
INP2.
B5
SDA
I2C Interface Data Input and Output.
C5
SCL
I2C Interface Clock Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com