Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
ADL5309
SERIAL PORT INTERFACE
analog.com
Rev. A | 20 of 25
RESET, ADDRESS, AND ID REGISTERS
Table 7. ADL5309 RESET, ADDRESS, AND ID Registers Details
Address Name
Bits
Field Name
Description
Default
Access
0x00
REG_00
0
SOFTRESET
Writing '1' to this bit resets all registers to their default values.
0x0
R/W
0x01
REG_01
[6:0]
DEVICE_ADDRES
S
Active I2C device address, selected through the SBA pin. Voltage level. Refer to Table
1.
0x6X
R
0x0D
REG_0D
[7:0]
CHIP_ID
ID for ADL5309.
0x6C
R
ADC REGISTERS
The ADL5309 has a built-in 14-bit, 22 kSPS ADC that samples any
combination of three input data streams, including the following:
►
VOUT of Channel 1
►
VOUT of Channel 2
►
Built-in temperature sensor
Register REG_05 and Register REG_06 support streaming of the
ADC output words and behave differently from the other registers in
the map. By using the I2C read method with autoincrement to read
REG_05, multiple ADC samples can be read in a single operation.
If 2 bytes are read, then the MSB in REG_05 will be read first,
followed by the LSB in REG_06. If more than 2 bytes are read,
however, the address pointer is moved back to REG_05 and the
MSB of the next ADC sample is read. In this way, an autoincrement
read of 10 bytes starting from REG_05 will return five sequential
2-byte ADC words read from REG_05 and REG_06.
The ADC can digitize samples from up to three different input
streams, selected through the MUX_CTRL bit field in REG_04.
Writing a nonzero value to MUX_CTRL initiates the ADC multi-
stream, multisample read operation. One sample is digitized from
each active input stream at a time, then the next input stream is
digitized, starting with the active stream corresponding to the lowest
significant bit in MUX_CTRL. Thus in order to retrieve n samples
from a single input stream, a total of 2*n bytes need to be read. If
more than one input stream is selected the first active input stream
sample is repeated, and can be disregarded, bringing the total
bytes to read to 2*m*n+2, where m = number of input streams.
The performance using the ADC can be improved when using mul-
tiple samples to average and using the on-chip dither. Writing 0x1F
to REG_08 will enable 32-bit dither, and writing 0x2F to REG_08
will enable 64-bit dither. Writing 0x3F to REG_08 will enable both
32-bit and 64-bit dither bits. The default value of REG_08 is 0x03,
for which the dither is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com