Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 24Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
ADL5309
SERIAL PORT INTERFACE
analog.com
Rev. A | 22 of 25
SHADOW REGISTERS
The shadow registers enable detailed configuration of the adaptive
photodiode bias circuits in both channels, enabling more advanced
features than the default settings provide. Access to these registers
is provided through an indirect addressing method using the shad-
ow access registers (see the Shadow Access Registers section).
Table 9 summarizes the available registers. For a detailed explana-
tion of available photodiode bias configuration see the Photodiode
Bias section. By default, the shadow registers are locked and
accessible for read only. To unlock the registers and obtain write
access, first write 0xE5 to SREG_20 (using indirect addressing).
The unlocked state will remain in effect until these are locked again
by writing 0x00 to SREG_20, or a (soft) reset is issued.
Table 9. ADL5309 Shadow Register Details
Address Name
Bits
Field Name
Description
Default
Access
0x07
SREG_07
6
PDBG_FIX
Photodiode bias transresistance is disabled (effectively set to zero) if this bit is set,
making the photodiode bias voltage constant vs. input current.
0x00
R/W
[5:0]
PDBG
Photodiode bias transresistance control when PDBG_FIX is not set, coarse photodiode
bias voltage control when PDBG_FIX is set.
0x08
SREG_08
[7:4]
IDZ
Photodiode bias transresistance threshold control.
0x00
R/W
[3:0]
IPDB
Controls the photodiode bias voltage of both channels at zero input current in 25 mV
steps.
0x0A
SREG_0A
[7:0]
OS1
Channel 1 V_PDB - V_INP offset control in 150 μV steps.
0xXX
R/W
0x0B
SREG_0B
[7:0]
OS2
Channel 2 V_PDB - V_INP offset control in 150 μV steps.
0xXX
R/W
0x0C
SREG_0C
[7:4]
IMAX
The IMAX register (four MSBs in shadow register 0x0C) sets the maximum sourcing
current of the PDB pin. It is trimmed in the factory to about 30 mA. If the IMAX is
changed, it may affect the precision of the OS factory trims (Shadow Register 0x0A and
Shadow Register 0x0B) and is recommended to be re-calibrated.
0xXF
R/W
[3:0]
CF
Capacitor feedback. Sets low input current bandwidth.
R/W
0x20
SREG_20
[7:0]
UNLOCK
Write 0xE5 to unlock for read/write, and write 0x00 to lock shadow registers for
read-only.
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com