Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 24Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADL5309
SERIAL PORT INTERFACE
analog.com
Rev. A | 21 of 25
Table 8. ADL5309 ADC Register Details
Address Name
Bits
Field Name
Description
Default
Access
0x04
REG_04
4
ADC_BUSY
Equals '1' if a conversion is in progress. REG_05 and REG_06 always contain the
result of the last completed conversion.
0x0
R
[3:0]
MUX_CTRL
Selects the ADC input stream(s) to digitize by setting the corresponding bit to '1', as
follows:
►
Bit 0: digital thermometer
►
Bit 1: VOUT of Channel 1
►
Bit 2: VOUT of Channel 2
►
Bit 3: ADCREF Test Input
The ADC cycles sequentially through all active input streams, taking one 14-bit sample
for each at a time.
0x0
R/W
0x05
REG_05
[5:0]
ADC_DATA[13:8]
MSB of ADC data
0x00
R
0x06
REG_06
[7:0]
ADC_DATA[7:0]
LSB of ADC data
0x00
R
0x08
REG_08
[5:0]
ADC_CONF
ADC dither configuration register as follows:
►
Write 0x1F to enable 32-bit dither
►
Write 0x2F to enable 64-bit dither
►
Write 0x3F to enable both 32-bit and 64-bit dither
►
Write 0x03 to disable dither
0x03
R/W
0x07
REG_07
[3:0]
AD-
CREF_MUX_SEL
ADCREF MUX select. To use ADCREF input, set this to 0x3.
0x0
R/W
0x09
REG_09
1
ADC_RESET
Setting this bit to '1' restarts the A/D conversion.
0x0
R/W
0
ADC_ENABLE
ADC is enabled when set to '1'.
0x1
R/W
0x0A
REG_0A
[4:3]
ADCREF_PIN_SEL ADCREF PIN select. To use ADCREF input, set this to 0x1.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com