Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5309ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Data Sheet
ADL5309
Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
►
188 dB electrical dynamic range and 94 dB optical dynamic
range
►
Dual-channel current inputs for direct optical gain measurements
►
Accurately trimmed logarithmic response:
►
Logarithmic slope 200 mV/decade
►
Logarithmic conformance error ±0.4 dB over temperature
►
Offset trimmed at 70°C to reduce dark current
►
Integrated LDO: 26 dB PSRR at 60 Hz and 100 pA input current
(VCC = 3.0 V)
►
I2C adjustable:
►
Photodiode bias voltage
►
Trade-off between noise and response time at low input cur-
rents
►
Integrated 14-bit ADC
►
Requires minimal external components
►
2.040 mm × 1.640 mm, 20-lead WLCSP
APPLICATIONS
►
Automatic test equipment
►
Optical power monitoring
►
Machine automation
►
Optical modules
GENERAL DESCRIPTION
The ADL5309 contains dual monolithic logarithmic transimpedance
amplifiers that are optimized for measuring low-frequency and wide
dynamic range optical signal power in fiber optic systems.
The device produces highly accurate, temperature compensated
output voltages that are proportional to the logarithm of the ratio
between the input current at the INP1 and INP2 pins and the
internally generated reference currents. The logarithmic slope and
intercept are both accurately trimmed to a nominal value of 200
mV/decade and 10 pA, respectively. The low-impedance OUT1 and
OUT2 logarithmic outputs have the capability to drive a wide range
of analog-to-digital converters (ADCs) and other circuits.
A digital representation of the OUT1 and OUT2 outputs is available
through the inter-IC bus (I2C) interface. A 14-bit successive approx-
imation register (SAR) ADC, controlled through the I2C interface,
samples the OUT1 and OUT2 channel outputs along with a built-in
digital temperature sensor.
Adaptive photodiode biasing is supported through the PDB1 and
PDB2 interfaces. At low diode currents, the photodiode reverse bias
is kept small to minimize the dark current. At higher input currents,
the bias voltage scales linearly with the current to avoid nonlinearity
due to photodiode saturation. Both the starting bias level and the
scale factor at higher currents are configurable through I2C.
The ADL5309 is specified for operation from −40°C to +105°C
ambient temperature and is offered in a small 2.040 mm × 1.640
mm, 20-lead wafer level chip scale package (WLCSP).
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL5309ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5309ACBZ-R7 AD-ADL5309ACBZ-R7 Datasheet
1Mb / 25P
Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
Rev. 0
More results

Similar Description - ADL5309ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304 AD-AD8304 Datasheet
4Mb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
8/02-Data Sheet changed from REV. 0 to REV. A.
AD8305 AD-AD8305 Datasheet
1Mb / 20P
100 dB Range (10 nA to 1 mA) Logarithmic Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com