Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 25Page - Analog Devices AD4080BBCZ Datasheet HTML 26Page - Analog Devices AD4080BBCZ Datasheet HTML 27Page - Analog Devices AD4080BBCZ Datasheet HTML 28Page - Analog Devices AD4080BBCZ Datasheet HTML 29Page - Analog Devices AD4080BBCZ Datasheet HTML 30Page - Analog Devices AD4080BBCZ Datasheet HTML 31Page - Analog Devices AD4080BBCZ Datasheet HTML 32Page - Analog Devices AD4080BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
Data Sheet
AD4080
APPLICATIONS INFORMATION
analog.com
Rev. A | 29 of 94
ANALOG FRONT END DESIGN
Driver Amplifier Choice
As described in the Easy Drive Analog Inputs section, the AD4080
has a number of unique features that opens this ADC up to being
used with a wide range of driver amplifier solutions. Because the
AD4080 offers exceptionally low noise, and excellent levels of
precision at sampling rates up to 40 MSPS with remarkably efficient
power consumption, this presents signal chain choices on which
application parameters to prioritize. As is often the case, there
can be some competing parameters to consider. Wider bandwidth
amplifiers are required to drive faster ADCs because the settling
bandwidth and signal bandwidth increase, so too does the noise
bandwidth. In addition, as these speeds increase, maintaining pre-
cision in a driving amplifier becomes a greater challenge. These
challenges are often met by increased power in the driver; however,
Analog Devices, Inc., offers a wide choice of power efficient driver
amplifiers that can be found on the Differential Amplifiers and
ADC Drivers web page. Also, due to the Easy Drive features of
the AD4080, where the settling bandwidth is relaxed considerably,
products such as the ADA4945-1 fully differential amplifier (FDA)
make an excellent low power companion product. Table 12 offers
some other suggested products for consideration.
Table 12. Driver Amplifier Selection Table
Part Number
Category
Quiescent
Current (IQ)
Input Voltage
Noise (VN)
−3 dB Bandwidth
(Gain = 1)
THD at 1 MHz
Application Considerations
ADA4945-1
FDA
4 mA
1.8 nV/√Hz
145 MHz
−90 dB
Lowest power
ADA4932-1
FDA
9.6 mA
3.6 nV/√Hz
560 MHz
−110 dB
Low power, wider bandwidth, improved distortion
at higher signal frequencies
ADA4927-1
FDA
20 mA
1.3 nV/√Hz
2300 MHz
−112 dB
Low noise, lower distortion at higher signal fre-
quencies
AD8139
Single op amp
24.5 mA1
2.25 nV/√Hz
410 MHz
−120 dB
Lowest distortion at higher signal frequencies
ADA4899-1
Single op amp
28.6 mA1
1.414 nV/√Hz
600 MHz
−117 dB
Lowest distortion at higher signal frequencies
ADA4930-1
FDA
35 mA
1.15 nV/√Hz
1350 MHz
−110 dB
Lowest noise
1 Combined quiescent current of two amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com